Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CT05-R39K-RC

  • AI
    The **CT05-R39K-RC** is a surface-mount (SMD) power inductor commonly used in compact electronic circuits. It belongs to a specific family of wire-wound chip inductors designed for high-frequency performance and power management. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **CT05** | Series/Size | Usually corresponds to an **0805** imperial size (2.0 x 1.25 mm) | | **R39** | Inductance Value | **0.39 µH** (R acts as the decimal point) | | **K** | Tolerance | **±10%** | | **RC** | Compliance | **RoHS Compliant** | --- ### 2. Technical Specifications While exact specifications can vary slightly by manufacturer (such as Central Technologies), the standard parameters for this type of inductor are: * **Inductance:** 0.39 microhenries (µH). * **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation. * **Self-Resonant Frequency (SRF):** High frequency, allowing it to function effectively in RF and high-speed switching circuits. * **Operating Temperature:** Typically rated from -40°C to +125°C. * **Construction:** Wire-wound ceramic or ferrite core, providing higher Q-factors and current handling than multilayer types. --- ### 3. Key Applications Because of its small footprint and 0.39 µH value, the CT05-R39K-RC is typically found in: 1. **DC-DC Converters:** Used for energy storage in small power supply modules for smartphones or wearables. 2. **Signal Filtering:** Used in LC filters to block high-frequency noise while allowing DC and low-frequency signals to pass. 3. **RF Circuits:** Employed in impedance matching and decoupling for wireless communication modules (Bluetooth, Wi-Fi). 4. **Decoupling:** Filtering power lines to sensitive ICs to prevent electromagnetic interference (EMI). --- ### 4. Comparison Table: Inductor Types | Feature | Wire-Wound (CT05) | Multilayer Inductor | | :--- | :--- | :--- | | **Current Handling** | Higher | Lower | | **Q-Factor** | High (Better efficiency) | Moderate | | **DC Resistance** | Lower | Higher | | **Primary Use** | Power & RF | Signal processing |
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the CT05-R39K-RC?
    • ⤷ How does the 'Q-factor' affect the performance of this inductor in RF circuits?
    • ⤷ What is the maximum current rating (Imax) for this specific 0805 inductor?