Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CT0603HPF-R20

  • AI
    The **CT0603HPF-R20** is a specific electronic component belonging to the surface-mount device (SMD) family, specifically a **High-Performance Chip Inductor**. It is widely used in high-frequency applications due to its precision and stability. ### 1. Component Identification & Breakdown The part number typically follows a standardized nomenclature used by manufacturers (such as Central Technologies): | Segment | Meaning | Detail | | :--- | :--- | :--- | | **CT** | Manufacturer | Central Technologies (Standard prefix) | | **0603** | Case Size | 0.06 x 0.03 inches (1.6 x 0.8 mm) | | **HPF** | Series | High-Performance/High Q-Factor, Ferrite/Wirewound | | **R20** | Inductance Value | **0.20 µH** (200 nH) | --- ### 2. Technical Specifications The "HPF" series is designed for RF (Radio Frequency) circuits where signal integrity and minimal energy loss are critical. * **Inductance:** 200 nH (indicated by "R20"). * **Tolerance:** Usually ±5% or ±10% (depending on the final suffix, though J is standard for 5%). * **Package Type:** 0603 (SMD). * **Core Material:** Typically Ceramic or Ferrite depending on the specific frequency optimization. * **Q-Factor:** High (Quality factor), ensuring low dissipation of energy. --- ### 3. Key Applications Because of its small footprint and high-frequency characteristics, the CT0603HPF-R20 is commonly found in: 1. **RF Impedance Matching:** Used in the frontend of wireless devices (Wi-Fi, Bluetooth) to match antenna impedance. 2. **Filter Circuits:** High-pass, low-pass, and band-pass filters in telecommunications. 3. **Decoupling:** Filtering high-frequency noise in power lines for sensitive ICs. 4. **Oscillators:** Serving as a frequency-determining element in LC circuits. --- ### 4. Typical Footprint (Dimensions) | Dimension | Millimeters (mm) | Inches (in) | | :--- | :--- | :--- | | **Length (L)** | 1.60 ± 0.15 | 0.063 ± 0.006 | | **Width (W)** | 0.80 ± 0.15 | 0.031 ± 0.006 | | **Height (H)** | 0.80 ± 0.15 | 0.031 ± 0.006 | --- ### 5. Sample Usage in Schematic (Markdown Example) In a simple RF Pi-Filter, the inductor would be represented as follows: ```spice * RF Low Pass Filter Example In 1 0 AC 1 C1 1 0 10pF L1 1 2 200nH ; This is the CT0603HPF-R20 C2 2 0 10pF RLoad 2 0 50 ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for this specific inductor?
    • ⤷ How does the Q-factor of a ceramic core compare to a ferrite core in 0603 inductors?
    • ⤷ Are there recommended substitutes with the same footprint and inductance?