Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CT3A01-R3

  • AI
    Based on the product code **CT3A01-R3**, this typically refers to a high-performance **Current Transformer (CT)** module, often used in industrial power monitoring, smart meters, or power distribution units (PDUs). Below is a breakdown of the electronic specifications and characteristics generally associated with this component. --- ### 1. Technical Specifications The "R3" often denotes a specific revision or a ratio range. Here are the common electrical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Rated Primary Current** | 10A - 100A (Model dependent) | | **Secondary Current/Output** | 2.5mA or 5mA | | **Turns Ratio** | 1:1000, 1:2000, or 1:3000 | | **Accuracy Class** | Class 0.1 or Class 0.2 | | **Isolation Voltage** | 2500V - 4000V AC | | **Operating Frequency** | 50Hz / 60Hz | | **Internal Resistance** | Low (Optimized for burden resistor) | --- ### 2. Core Electronic Parts & Materials The device is an electromagnetic component consisting of three primary sections: 1. **Magnetic Core:** Usually made of **Nanocrystalline** or **Permalloy**. These materials are used because of their high permeability and low phase shift, ensuring high accuracy even at low currents. 2. **Secondary Winding:** High-quality copper wire wound precisely around the core. The number of turns (e.g., 2000 turns) determines the transformation ratio. 3. **Encapsulation (Housing):** An epoxy-resin filled PBT plastic case. This provides high dielectric strength and protection against environmental factors like humidity and vibration. --- ### 3. Application Circuit To use the CT3A01-R3 in an electronic circuit, it is typically paired with a **Burden Resistor ($R_b$)** and an **Operational Amplifier**. ```python # Simple Voltage Calculation Formula # V_out = (I_primary / Turns_Ratio) * R_burden primary_current = 50 # Amps turns_ratio = 2500 r_burden = 10 # Ohms secondary_current = primary_current / turns_ratio v_out = secondary_current * r_burden print(f"Output Voltage: {v_out}V") ``` --- ### 4. Key Features * **Linearity:** Maintains a linear output across a wide range of input currents. * **Phase Shift:** Minimal phase displacement, which is critical for measuring **Active Power (Watts)**. * **PCB Mounting:** Designed with pins for direct soldering onto printed circuit boards. * **Safety:** Provides galvanic isolation between the high-voltage AC line and the low-voltage sensing electronics (Microcontrollers/ADCs).
    ✨ Follow-up Questions
    • ⤷ What is the maximum primary current rating for the R3 revision?
    • ⤷ How do I calculate the optimal burden resistor for this CT?
    • ⤷ What are the physical dimensions and pinout for the CT3A01-R3?