Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CTC3F-331M

  • AI
    The **CTC3F-331M** is a specific type of electronic component known as a **Fixed Inductor** (specifically a Conformal Coated Inductor). It is commonly used in RF (Radio Frequency) and signal processing applications. --- ### 1. Technical Specifications The part number "331M" follows a standard industry coding system for electronic components. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 330 µH | The "331" code: 33 followed by 1 zero. | | **Tolerance** | ±20% | The "M" suffix indicates a 20% tolerance range. | | **Core Material** | Ferrite | Used for high magnetic permeability. | | **Coating** | Epoxy/Conformal | Provides environmental and moisture protection. | | **Package Type** | Axial Leaded | Cylindrical body with wires extending from both ends. | ### 2. Physical Characteristics * **Dimensions:** Typically small (approx. 4mm diameter and 10mm length). * **Color Coding:** Often uses color bands similar to resistors to denote value and tolerance. * **Lead Material:** Tinned copper leads for easy soldering on PCBs (Printed Circuit Boards). ### 3. Common Applications Due to its inductance value and axial form factor, the CTC3F-331M is used for: 1. **Noise Filtering:** Removing high-frequency noise from power supply lines. 2. **Decoupling:** Isolating different stages of a circuit to prevent interference. 3. **Signal Conditioning:** Used in tuned circuits or frequency-selective filters. 4. **DC-DC Converters:** Small-scale energy storage in power management units. ### 4. Key Limitations * **Current Rating:** Axial inductors generally have a low DC current rating (often in the milliampere range). Exceeding this can lead to overheating or core saturation. * **Mounting:** Designed for Through-Hole Technology (THT); not suitable for automated SMT (Surface Mount) reflow processes without manual intervention. ---
    ✨ Follow-up Questions
    • ⤷What is the current rating for the CTC3F-331M inductor?
    • ⤷ Can you explain the color code sequence for a 330 µH inductor?
    • ⤷ What is the difference between a conformal coated inductor and a shielded inductor?