Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CTCSS5931

  • AI
    The **CTCSS5931** (often identified in circuit diagrams as the **CML FX5931**) is a specialized integrated circuit designed for **Continuous Tone-Coded Squelch System (CTCSS)** operations. It is primarily used in land mobile radio systems to allow multiple groups of users to share the same frequency without hearing each other. --- ## 1. Technical Specifications The CTCSS5931 is an analog/digital hybrid chip that handles the filtering and detection of sub-audible tones. | Feature | Specification | | :--- | :--- | | **Function** | CTCSS Encoder/Decoder | | **Tone Range** | 67.0 Hz to 250.3 Hz | | **Operating Voltage** | 3.0V to 5.5V DC | | **Package Type** | SOIC-24 or PDIP-24 | | **Filter Type** | High-pass (Voice) and Band-pass (Tone) | --- ## 2. Key Electronic Components & Internal Architecture The IC consists of several functional blocks that process the audio signal: ### A. Tone Encoder (Transmitter Side) * **Programmable Divider:** Takes a high-frequency crystal input (usually 4.0 MHz) and divides it down to the specific sub-audible frequency selected by the user. * **Sine Wave Generator:** Converts the digital square wave into a clean analog sine wave to prevent harmonic interference with the voice band. ### B. Tone Decoder (Receiver Side) * **High-Pass Filter (HPF):** Removes the CTCSS tone from the received audio so the user only hears the voice. * **Low-Pass Filter (LPF):** Isolates the sub-audible tone for analysis. * **Comparator:** Compares the incoming signal against the programmed reference frequency to "open" the radio's squelch. ### C. External Components Required To function within a radio circuit, the CTCSS5931 typically requires: 1. **Crystal Oscillator:** Usually a 4.0 MHz or 3.58 MHz crystal for timing accuracy. 2. **Decoupling Capacitors:** (0.1µF) placed near the VCC pin to reduce power supply noise. 3. **Resistor Network:** To set the input gain levels for the discriminator audio. --- ## 3. Working Principle The electronic logic follows a simple "Key and Lock" mechanism: 1. **Input:** The chip receives the raw audio from the radio's FM discriminator. 2. **Splitting:** It splits the audio into two paths: Voice (sent to the speaker) and Tone (sent to the decoder). 3. **Detection:** If the detected tone matches the pre-programmed frequency (e.g., 100.0 Hz), the chip pulls a **Logic High** on its "Squelch Gate" pin. 4. **Output:** This signal instructs the radio's main processor to unmute the audio power amplifier. --- ## 4. Common Applications * **Two-Way Radios:** Professional LMR (Land Mobile Radio) and Amateur Radio (HAM) repeaters. * **Security Systems:** To prevent false triggering of remote wireless alarms. * **Paging Systems:** Directing voice messages to specific receivers on a shared channel.
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the SOIC and PDIP versions of the FX5931?
    • ⤷ How do you program the specific frequency codes into the CTCSS5931?
    • ⤷ What causes 'falsing' in CTCSS chips and how can it be electronically filtered?