CTHCCI1090F-R56M
AI

The **CTHCCI1090F-R56M** is a high-current, shielded surface-mount (SMD) power inductor. This component is part of a specialized series designed for high-density power applications, such as DC-DC converters and voltage regulator modules (VRMs).
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its technical boundaries:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **CTHCCI** | Series Name | High Current Composite Inductor series. |
| **1090** | Case Size | Dimensions (approx. 11.0mm x 10.0mm). |
| **F** | Lead-Free | Compliant with RoHS standards. |
| **R56** | Inductance Value | **0.56 µH** (Microhenries). |
| **M** | Tolerance | **±20%** tolerance on the inductance value. |
---
### 2. Core Technical Specifications
These parts are engineered for high efficiency and low energy loss.
* **Inductance:** 0.56 µH.
* **DC Resistance (DCR):** Extremely low (typically in the milliohm range), which minimizes heat generation during operation.
* **Saturation Current ($I_{sat}$):** High capacity (often exceeding 20A-40A depending on the specific sub-type), meaning the inductor maintains its properties even under heavy loads.
* **Operating Temperature:** Generally rated from **-40°C to +125°C**, making it suitable for industrial and automotive environments.
---
### 3. Key Physical Features
1. **Molded Construction:** The coil is embedded in a metallic powder composite. This provides "soft saturation" characteristics, meaning the inductance doesn't drop off sharply when the current increases.
2. **Magnetic Shielding:** The design naturally shields electromagnetic interference (EMI), preventing the inductor from interfering with nearby sensitive components on the PCB.
3. **Small Footprint:** Despite its high current handling, the "1090" size is optimized for compact boards.
---
### 4. Common Applications
Due to its low inductance (0.56 µH) and high current capability, it is primarily used in high-frequency switching environments:
* **GPU/CPU Power Supplies:** Used in "Multi-phase" buck converters for high-performance computing.
* **DC-DC Converters:** Point-of-Load (POL) modules for telecommunications.
* **Battery Powered Systems:** Where high efficiency is required to extend battery life.
---
- ⤷
What are the specific dimensions and pad layout for the 1090 case size?
- ⤷ How does 'soft saturation' in composite inductors differ from ferrite core inductors?
- ⤷ What is the typical saturation current rating for the R56M model?