CTIHLP73F-R15M
AI

The **CTIHLP73F-R15M** is a high-current, low-profile power inductor typically used in DC-DC converter applications. It belongs to a category of surface-mount (SMD) power inductors designed for high efficiency and high power density.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its key physical and electrical characteristics:
| Code | Meaning | Details |
| :--- | :--- | :--- |
| **CTIHLP** | Series Category | High-current, low-profile molded power inductor. |
| **73** | Case Size | Refers to the footprint (approx. 7.3mm x 6.6mm). |
| **F** | Designator | Specific material or version variant. |
| **R15** | Inductance Value | **0.15 µH** (R denotes the decimal point). |
| **M** | Tolerance | **±20%** tolerance on the inductance value. |
---
### 2. Key Electrical Specifications
While specific values may vary slightly by manufacturer (such as Central Technologies), typical specs for this part include:
* **Inductance:** 0.15 µH
* **DC Resistance (DCR):** Extremely low, typically in the range of **0.5mΩ to 1.2mΩ**. This minimizes power loss due to heat.
* **Saturation Current ($I_{sat}$):** Very high, often exceeding **40A to 50A**. This is the current at which inductance drops by a specific percentage (usually 20-30%).
* **RMS Current ($I_{rms}$):** The continuous current the inductor can handle based on a temperature rise (usually 40°C).
* **Operating Temperature:** Generally rated from **-55°C to +125°C**.
---
### 3. Construction and Material
The "HLP" series typically utilizes a **Molded Powder Core** construction:
1. **Composite Core:** Made of iron powder pressed around the copper winding.
2. **Shielded Design:** The molded construction provides inherent magnetic shielding, reducing Electromagnetic Interference (EMI).
3. **Low Buzz Noise:** The solid molded structure minimizes acoustic noise caused by magnetostriction.
---
### 4. Common Applications
Due to its low inductance and high current capability, the CTIHLP73F-R15M is ideal for:
* **Voltage Regulator Modules (VRMs):** Found in high-end motherboards and servers.
* **GPU/CPU Power Supplies:** Where high-speed switching and high current are required.
* **Point of Load (POL) Converters:** Distributed power architectures in telecommunications.
* **Battery Powered Systems:** Where high efficiency is critical to extending battery life.
---
### 5. Summary Table
| Feature | Attribute |
| :--- | :--- |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Shielding** | Shielded (Molded) |
| **Core Material** | Carbonyl Iron / Metal Powder |
| **Inductance** | 150 nH (0.15 µH) |
| **Footprint** | ~7.3 x 6.6 mm |
- ⤷
What are the exact DCR and Saturation Current ratings for the Central Technologies version?
- ⤷ How does the molded powder core compare to a traditional ferrite core inductor?
- ⤷ What is the recommended solder reflow profile for this specific SMD package?