CTJC1008-R015J
AI

The **CTJC1008-R015J** is a high-precision, low-resistance chip resistor commonly used for current sensing applications. Below is a detailed breakdown of its specifications, part numbering, and technical characteristics.
---
## 1. Part Number Breakdown
To understand this component, we can decode the alphanumeric string:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | CTJC | Current Sensing Chip Resistor (Metal Plate/Alloy) |
| **Size** | 1008 | Case Size: 1.0" x 0.08" (Standard Metric 2520) |
| **Resistance** | R015 | 0.015 Ohms (15mΩ) |
| **Tolerance** | J | ±5% Resistance Tolerance |
---
## 2. Technical Specifications
The "CTJC" series is typically designed for surface-mount technology (SMT) and features a metal alloy construction to handle high current loads.
### Key Electrical Characteristics
* **Resistance Value:** 15 mΩ (Milliohms).
* **Tolerance:** ±5% (Standard for non-precision power monitoring).
* **Material:** Metal foil or alloy construction (provides high stability).
* **Inductance:** Low ESL (Equivalent Series Inductance) design to prevent signal noise.
* **Operating Temperature:** Generally ranges from -55°C to +155°C.
---
## 3. Physical Features & Construction
| Feature | Description |
| :--- | :--- |
| **Termination** | Sn (Tin) over Nickel plating for high solderability. |
| **Body Structure** | Flame retardant molding/coating for safety. |
| **Marking** | Usually marked with the resistance code (R015). |
| **Mounting** | SMD (Surface Mount Device) compatible with automated pick-and-place. |
---
## 4. Typical Applications
Because this is a **current sense resistor**, it is placed in series with a load to measure the voltage drop ($V = I \times R$), allowing a microcontroller or IC to monitor current flow.
* **Power Management:** DC-DC converters and switching power supplies.
* **Battery Monitoring:** Battery management systems (BMS) for laptops or EVs.
* **Motor Control:** Detecting over-current conditions in small motors.
* **Consumer Electronics:** Power adapters and chargers.
---
- ⤷
What is the maximum power rating (Wattage) for the CTJC1008 series?
- ⤷ How does the metal alloy construction compare to standard thick-film resistors?
- ⤷ What are the alternative tolerances available for this part number?