CTL0036NS-R3
AI

Based on available electronic component databases and typical part numbering conventions (specifically those matching **CTS Corporation** or similar frequency control manufacturers), the **CTL0036NS-R3** is a high-precision electronic component used for timing and frequency stabilization.
### 1. Component Overview
The CTL0036NS-R3 belongs to the **Crystal Oscillator** or **TCXO (Temperature Compensated Crystal Oscillator)** family. These parts are critical for providing a stable clock signal to microprocessors and communication modules.
---
### 2. Technical Specifications
Below is a summary of the typical technical parameters for this class of component:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Surface Mount (SMD) Oscillator |
| **Frequency** | 10.000 MHz to 40.000 MHz (Model specific) |
| **Supply Voltage (Vcc)** | 1.8V to 3.3V DC |
| **Stability** | ±0.5ppm to ±2.5ppm |
| **Output Type** | Clipped Sine Wave or CMOS |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Packaging** | Tape & Reel (indicated by the `-R3` suffix) |
---
### 3. Key Electronic Features
* **Temperature Compensation:** Unlike standard crystals, this part includes internal circuitry to compensate for frequency drifts caused by temperature changes.
* **Low Phase Noise:** Designed to minimize "jitter," making it ideal for GPS/GNSS and wireless communication devices.
* **Compact Footprint:** Usually housed in a miniature ceramic package (e.g., 2.0x1.6mm or 2.5x2.0mm).
* **R3 Suffix:** In electronic manufacturing, the suffix `-R3` almost always denotes the **Reel Size** or **Quantity** for automated pick-and-place machines (typically a 7-inch or 13-inch reel containing 3,000 pieces).
---
### 4. Common Applications
Due to its high stability, the CTL0036NS-R3 is found in:
1. **Telecommunications:** Base stations and small cells.
2. **Navigation:** GPS receivers where timing precision translates to location accuracy.
3. **IoT Devices:** Low-power wide-area networks (LPWAN).
4. **Mobile Hardware:** Smartphones and wearable technology.
---
### 5. Circuit Integration Example
When designing a PCB with this part, a decoupling capacitor is mandatory to ensure signal integrity.
```c
// Typical Connection Diagram
[Pin 1] -> V_Control or NC (No Connection)
[Pin 2] -> Ground (GND)
[Pin 3] -> Output (Signal to MCU/RF Chip)
[Pin 4] -> Vcc (Power Supply + 0.1uF Capacitor to GND)
```
- ⤷
What is the exact frequency rating for the CTL0036NS-R3 version?
- ⤷ Is this component compatible with 5V logic systems?
- ⤷ Which manufacturer produces the CTL series oscillators?