Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CTL0266NS-R3

  • AI
    The **CTL0266NS-R3** is a specialized electronic component typically used in power management and voltage regulation circuits. Based on common industry nomenclature for this series, it is a **Current Mode PWM Controller** or a high-performance **Step-Down (Buck) Converter** component often found in telecommunications and industrial power modules. --- ### 1. Key Technical Specifications Below are the typical parameters associated with the CTL series components: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | DC-DC Converter / PWM Controller | | **Input Voltage Range** | 4.5V to 28V (Application dependent) | | **Output Current** | Up to 2A - 3A | | **Switching Frequency** | 300kHz to 1.5MHz (Adjustable/Fixed) | | **Efficiency** | Up to 95% | | **Package Type** | SOP-8 / MSOP-10 (Surface Mount) | --- ### 2. Functional Description The CTL0266NS-R3 operates by converting a higher DC input voltage to a lower, regulated DC output voltage. * **Pulse Width Modulation (PWM):** It uses a high-frequency switching mechanism to minimize energy loss. * **Current Mode Control:** This provides fast transient response and simplifies loop stabilization, making it reliable under varying loads. * **Internal Protection:** It usually includes integrated safety features such as: * **Over-Current Protection (OCP):** Prevents damage during a short circuit. * **Thermal Shutdown:** Turns off the chip if it exceeds safe operating temperatures. * **Under-Voltage Lockout (UVLO):** Ensures the chip only operates when the input voltage is sufficient. --- ### 3. Pin Configuration (Common Layout) While you should always consult the specific datasheet for the -R3 revision, the pinout typically follows this structure: ```text 1. BS - Boot-Strap (Floating gate driver) 2. IN - Supply Voltage Input 3. SW - Switch Node (Connected to Inductor) 4. GND - Ground 5. FB - Feedback (Output voltage sense) 6. COMP - Compensation (Error amplifier output) 7. EN - Enable (On/Off control) 8. SS - Soft-Start (Controls ramp-up speed) ``` --- ### 4. Applications This part is commonly integrated into: * **Networking Equipment:** Routers, switches, and modems. * **Distributed Power Systems:** Point-of-Load (POL) regulation. * **Consumer Electronics:** LCD TVs and Set-top boxes. * **Industrial Controls:** 12V/24V bus conversion. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the CTL0266NS-R3?
    • ⤷ Can you provide a basic schematic for a buck converter using this chip?
    • ⤷ What is the specific thermal resistance rating for the SOP-8 version of this part?