Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CTLL2012-R10J

  • AI
    ## Technical Overview of CTLL2012-R10J The **CTLL2012-R10J** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency circuits for signal filtering and impedance matching. ### 1. Part Number Breakdown Understanding the nomenclature helps identify its physical and electrical characteristics: | Component Segment | Description | | :--- | :--- | | **CTLL** | Series designation (typically Wire-wound Chip Inductor). | | **2012** | Package Size (Metric: 2.0mm x 1.2mm / Imperial: 0805). | | **R10** | Inductance Value: **0.10 µH** (or 100 nH). | | **J** | Tolerance: **±5%**. | --- ### 2. Key Electrical Specifications The following table outlines the typical performance parameters for this component: | Parameter | Value | Unit | | :--- | :--- | :--- | | **Inductance** | 0.10 (100) | µH (nH) | | **Tolerance** | ±5 | % | | **Test Frequency** | 25.2 | MHz | | **Q Factor (Min)** | 30 | - | | **Self-Resonant Frequency (Min)** | 550 | MHz | | **DC Resistance (DCR Max)** | 0.44 | Ω | | **Rated Current (Max)** | 400 | mA | --- ### 3. Construction and Material * **Body Type:** Wire-wound. Unlike multilayer inductors, wire-wound inductors offer higher Q factors and better current handling capabilities. * **Core Material:** Ceramic or Ferrite (depending on the specific sub-series, though R10 at 0805 size is frequently ceramic-based for high-frequency stability). * **Termination:** Lead-free (RoHS compliant) plating, usually matte tin over nickel. --- ### 4. Typical Applications The CTLL2012-R10J is engineered for performance in the following areas: 1. **RF Circuits:** Used in the matching networks of Bluetooth, Wi-Fi, and cellular modules. 2. **Filtering:** Low-pass or band-pass filters for high-speed signal lines. 3. **Oscillators:** Provides stable inductance for frequency-selective circuits. 4. **Decoupling:** Reducing high-frequency noise in sensitive power rails.
    ✨ Follow-up Questions
    • ⤷What is the difference between a wire-wound inductor and a multilayer inductor?
    • ⤷ How does the Q factor affect the performance of this inductor?
    • ⤷ Are there equivalent parts from other manufacturers like Murata or TDK?