CTLM43NS20-R3
AI

The **CTLM43NS20-R3** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and power management modules. Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Core Technical Specifications
The part belongs to a class of shielded power inductors designed for high-density electronic circuits.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 2.0 µH (Microhenries) |
| **Current Rating (Isat)** | ~4.3A - 5.0A (Saturation Current) |
| **Current Rating (Irms)** | ~3.8A - 4.2A (Temperature Rise Current) |
| **DC Resistance (DCR)** | ~25 - 30 mΩ (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 4.0 x 4.0 x 3.0 mm (Approx.) |
---
## 2. Key Electronic Features
### A. Magnetic Shielding
The "S" in the series often denotes a **shielded** construction. This is critical for minimizing Electromagnetic Interference (EMI). The magnetic field is contained within the inductor body, preventing it from interfering with nearby sensitive components on the PCB.
### B. High Saturation Current ($I_{sat}$)
This part is designed to handle significant current peaks without the core "saturating." When a core saturates, the inductance drops sharply; the CTLM series is engineered to maintain stable inductance even under high loads.
### C. Low DC Resistance (DCR)
The copper windings are optimized to have very low resistance. This reduces power loss (heat) due to $I^2R$ losses, which is vital for maintaining high efficiency in battery-powered devices.
---
## 3. Physical Construction & Materials
The part typically utilizes a **Metal Alloy or Ferrite powder core** molded around the copper coil.
* **Lead-Free/RoHS:** Compliant with modern environmental standards.
* **Terminations:** Tin-plated (Sn) for excellent solderability during the SMT reflow process.
* **AEC-Q200 (Optional):** Many parts in this category are tested to automotive grade standards for vibration and thermal shock resistance.
---
## 4. Typical Applications
The CTLM43NS20-R3 is found in circuits where space is limited but power demands are high:
1. **Buck/Boost Converters:** Voltage regulation for CPUs, GPUs, and FPGAs.
2. **Mobile Devices:** Smartphones and tablets where slim profiles are required.
3. **Industrial IoT:** Powering sensors and wireless modules.
4. **Automotive Infotainment:** Providing stable power to dashboard displays.
---
## 5. Equivalent Circuit Representation
In a simulation environment (like SPICE), the part is represented as:
```spice
* Inductor Model
L1 Node1 Node2 2.0uH
R_series Node2 Node3 28mOhm ; DCR (Parasitic Resistance)
C_para Node1 Node3 2pF ; Parallel Capacitance (Parasitic)
```
- ⤷What is the significance of the 'R3' suffix in this part number?
- ⤷ How does saturation current differ from rms current in this specific inductor?
- ⤷ What are the recommended PCB layout tips for reducing EMI with this part?