CTLQ1206NF-R22K
AI

The **CTLQ1206NF-R22K** is a surface-mount (SMD) multilayer chip inductor manufactured by Central Technologies (often part of their CTLQ series). This component is designed for high-frequency applications where space-saving and reliability are critical.
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's physical and electrical characteristics:
| Code | Meaning | Description |
| :--- | :--- | :--- |
| **CTLQ** | Series Prefix | Multilayer Chip Inductor Series |
| **1206** | Case Size | Imperial size 1206 (approx. 3.2mm x 1.6mm) |
| **NF** | Material/Process | Non-magnetic/Ferrite core (standard series) |
| **R22** | Inductance Value | R represents decimal point: **0.22 µH** |
| **K** | Tolerance | **±10%** |
---
### 2. Technical Specifications
Below are the typical electrical parameters for this specific part:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.22 µH |
| **Tolerance** | ±10% |
| **Test Frequency** | 25 MHz |
| **DC Resistance (DCR) Max** | ~0.40 Ω |
| **Rated Current (Idc)** | ~250 mA |
| **Self-Resonant Frequency (SRF) Min** | ~250 MHz |
| **Operating Temperature** | -55°C to +125°C |
---
### 3. Key Features and Applications
#### Features
* **Multilayer Construction:** Provides excellent magnetic shielding, reducing EMI/RFI interference.
* **High Reliability:** No lead wires to break; ceramic/ferrite body is highly stable against mechanical stress.
* **Standard Footprint:** The 1206 package is easily handled by automated pick-and-place machines.
#### Applications
* **Filtering:** High-frequency noise suppression in power lines and signal lines.
* **Impedance Matching:** Used in RF circuits for smartphones, WLAN, and Bluetooth modules.
* **Decoupling:** Prevents high-frequency interference from affecting sensitive integrated circuits (ICs).
---
### 4. Schematic Representation
In a circuit diagram, this part is represented by a standard inductor symbol:
```text
L1 (0.22uH)
----(nnnn)----
```
- ⤷
What is the difference between a 1206 and a 0805 inductor size?
- ⤷ How does the Self-Resonant Frequency (SRF) affect the performance of this inductor?
- ⤷ Can I substitute a ferrite bead for this 0.22uH inductor in a filtering circuit?