CTMC1008-R10M
AI

## Analysis of CTMC1008-R10M
The **CTMC1008-R10M** is a Surface Mount Device (SMD) power inductor commonly used in compact electronic circuits for signal filtering and energy storage. It belongs to the **1008** chip size category (referring to its physical dimensions in inches).
### 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of this component:
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.10 µH (100 nH) |
| **Tolerance** | ±20% (indicated by 'M') |
| **Case Code (Inch)** | 1008 |
| **Case Code (Metric)** | 2520 |
| **Material** | Wire-wound Ceramic or Ferrite core |
| **Termination** | Lead-free (RoHS Compliant) |
---
### 2. Component Breakdown
To understand the part number **CTMC1008-R10M**, we can break it down as follows:
* **CTMC**: Series prefix (typically Wire-wound Molded Chip Inductor).
* **1008**: Physical dimensions (0.10 inches long by 0.08 inches wide).
* **R10**: Inductance value. The "R" acts as a decimal point, representing **0.10 µH**.
* **M**: Tolerance code. "M" signifies a **±20%** deviation from the nominal inductance value.
---
### 3. Key Electronic Functions
The CTMC1008-R10M performs several critical roles within a circuit:
1. **High-Frequency Filtering**: Due to its low inductance (100nH), it is highly effective at filtering out high-frequency noise in RF (Radio Frequency) circuits.
2. **Impedance Matching**: Used in communication devices to match the impedance between different stages of an amplifier or antenna system.
3. **DC/DC Conversion**: Acts as an energy storage element in miniature power supply modules, though its small size limits it to lower current applications compared to larger power inductors.
4. **Signal Decoupling**: Prevents unwanted AC signals from interfering with DC power lines.
---
### 4. Typical Applications
* **Mobile Devices**: Smartphones, tablets, and wearables.
* **Wireless Communication**: Wi-Fi modules, Bluetooth headsets, and GPS receivers.
* **Computing**: Hard disk drives and high-speed peripheral interfaces.
---
- ⤷What is the maximum current rating (Irms) for the CTMC1008-R10M?
- ⤷ How does a ceramic core differ from a ferrite core in 1008 inductors?
- ⤷ What are the recommended soldering profiles for this SMD component?