CTMC1008-R15M
AI

The **CTMC1008-R15M** is a surface-mount (SMD) wire-wound chip inductor designed for high-frequency and power management applications. It belongs to the 1008 series, which denotes its physical footprint.
---
## 1. Technical Specifications
The part number follows a specific coding structure that defines its electrical properties:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.15 µH (150 nH) |
| **Tolerance** | ±20% (indicated by 'M') |
| **Case Size** | 1008 (2.5mm x 2.0mm) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Construction** | Wire-wound / Molded |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps in identifying equivalent parts or variations:
* **CTMC**: Series prefix (typically Molded Chip Inductor).
* **1008**: Dimensional size code (Length: 0.10 inches, Width: 0.08 inches).
* **R15**: Resistance/Inductance value. "R" acts as a decimal point ($0.15$).
* **M**: Tolerance code ($M = \pm20\%$, whereas $K = \pm10\%$).
---
## 3. Key Characteristics
The CTMC series is characterized by several engineering advantages:
### A. High Q-Factor
The wire-wound construction allows for a high Quality Factor (Q), which is essential for maintaining low signal loss in resonant circuits.
### B. High Current Handling
Compared to multilayer ceramic inductors of the same size, wire-wound molded inductors can handle significantly higher DC currents without saturating.
### C. Magnetic Shielding
The "Molded" aspect often implies that the coil is encapsulated in a resin/ferrite compound, providing better mechanical durability and moderate EMI shielding.
---
## 4. Common Applications
* **DC-DC Converters:** Used in voltage regulation modules for smartphones and portable electronics.
* **RF Circuits:** Matching networks and high-frequency filtering.
* **Decoupling:** Filtering noise from power supply lines to prevent interference with sensitive ICs.
- ⤷
What are the maximum DC current (Idc) and DC resistance (Rdc) ratings for this specific part?
- ⤷ How does the wire-wound construction compare to multilayer ceramic inductors in terms of performance?
- ⤷ Are there alternative tolerance versions like 'K' (10%) available for the CTMC1008 series?