CTMC1210F-R018K
AI

The **CTMC1210F-R018K** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are primarily used for power management, filtering, and frequency control in electronic circuits.
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify its physical and electrical characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **CTMC** | Series | Molded Chip Inductor (Ferrite Core) |
| **1210** | Case Size | 3.2mm x 2.5mm (EIA 1210 Metric) |
| **F** | Lead-Free | RoHS Compliant / Lead-free termination |
| **R018** | Inductance Value | 0.018 µH (18 nH) |
| **K** | Tolerance | ±10% |
---
### 2. Key Electrical Specifications
The performance of this inductor is defined by its ability to store magnetic energy and resist direct current.
* **Inductance:** 0.018 µH (18 nH).
* **Tolerance:** ±10% (Indicated by the 'K').
* **Test Frequency:** Typically measured at 100 MHz for this low inductance range.
* **Quality Factor (Q):** Usually high in the 1210 series to ensure low energy loss at high frequencies.
* **Self-Resonant Frequency (SRF):** High SRF, allowing it to function effectively in RF (Radio Frequency) applications.
* **Rated Current (Idc):** The maximum DC current the part can handle before a specific temperature rise or drop in inductance occurs.
* **DC Resistance (DCR):** The internal resistance of the copper winding, kept low to minimize heat generation.
---
### 3. Construction and Features
* **Molded Construction:** The internal coil is encapsulated in a hard plastic or epoxy resin. This provides excellent mechanical strength and protection against environmental moisture.
* **Ferrite Core:** Utilizes a ferrite material that provides high magnetic permeability, allowing for a compact size.
* **Surface Mount Technology (SMT):** Designed for automated "pick and place" assembly on PCBs.
* **Magnetic Shielding:** Depending on the specific sub-series, many molded inductors offer low magnetic leakage to prevent interference with nearby components.
---
### 4. Typical Applications
Due to its small size and high-frequency capabilities, the CTMC1210F-R018K is commonly found in:
1. **Mobile Devices:** Power modules for smartphones and tablets.
2. **Telecommunications:** Signal filtering in RF circuits and base stations.
3. **DC-DC Converters:** Used as an energy storage element in miniature power supplies.
4. **EMI Suppression:** Filtering high-frequency noise from power lines.
---
- ⤷What is the maximum current rating for the CTMC1210F series?
- ⤷ How does the 'R018' notation translate to Nanohenries?
- ⤷ What are the soldering temperature profiles recommended for this SMD part?