CTMC1210F-R12J
AI

## Detailed Overview of CTMC1210F-R12J
The **CTMC1210F-R12J** is a high-frequency **Surface Mount Device (SMD) Chip Inductor**. It is specifically a "Molded" type inductor, designed for high reliability and performance in compact electronic circuits.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CTMC** | Series | Molded Chip Inductor Series |
| **1210** | Case Size | Imperial size (approx. 3.2mm x 2.5mm) |
| **F** | Environmental | Lead-Free / RoHS Compliant |
| **R12** | Inductance Value | R denotes decimal; 0.12 microhenries ($\mu H$) |
| **J** | Tolerance | $\pm 5\%$ |
---
### 2. Key Electrical Specifications
The performance of the CTMC1210F-R12J is defined by its ability to handle high frequencies while maintaining low resistance.
* **Inductance:** $0.12 \mu H$
* **Tolerance:** $\pm 5\%$ (J)
* **Test Frequency:** Typically measured at 25.2 MHz.
* **Quality Factor (Q):** Usually high (minimum 30), ensuring low energy loss at operating frequencies.
* **Self-Resonant Frequency (SRF):** Very high (typically > 500 MHz), allowing it to be used in high-speed communication circuits.
* **DC Resistance (DCR):** Very low (typically $< 0.22 \Omega$), minimizing power dissipation.
* **Rated Current:** Can typically handle between 450mA to 550mA (depending on temperature rise).
---
### 3. Construction and Material
The "Molded" designation refers to the manufacturing process:
1. **Core Material:** Usually a Ferrite or Ceramic core depending on the specific frequency requirements.
2. **Encapsulation:** The coil is encapsulated in a hard thermosetting plastic/epoxy resin. This provides:
* **Mechanical Strength:** Protection against physical impact and vibration.
* **Environmental Resistance:** Protection against moisture and oxidation.
* **Dimensional Accuracy:** Uniform shape for high-speed automated pick-and-place assembly.
---
### 4. Typical Applications
Due to its 1210 form factor and high-frequency stability, this part is commonly found in:
* **Telecommunications:** Cellular phones, base stations, and wireless LANs.
* **Computing:** Hard disk drives and high-speed peripheral interfaces.
* **Automotive:** Infotainment systems and sensor modules (if AEC-Q200 qualified).
* **RF Modules:** Impedance matching and filtering in radio frequency circuits.
---
### 5. Land Pattern Dimensions
When designing a PCB (Printed Circuit Board), the following dimensions are critical:
```markdown
Dimension Value (mm)
--------------------------
Length (L) 3.2 ± 0.3
Width (W) 2.5 ± 0.2
Thickness (T) 2.2 ± 0.2
```
---
- ⤷What is the difference between a molded inductor and a wire-wound inductor?
- ⤷ Can this inductor be used in power supply filtering applications?
- ⤷ What are the storage temperature requirements for CTMC series inductors?