CTMC1812F-R10J
AI

The **CTMC1812F-R10J** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. It is commonly used in RF circuits, filtering, and telecommunication devices.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's physical and electrical specifications:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **CTMC** | Series | Molded Chip Inductor (Wire-wound) |
| **1812** | Case Size | 1.8 x 1.2 inches (approx. 4.5 x 3.2 mm) |
| **F** | Lead-Free | RoHS Compliant / Environmental Standard |
| **R10** | Inductance Value | **0.10 µH** (R denotes decimal point) |
| **J** | Tolerance | **±5%** |
---
### 2. Electrical Characteristics
The following table outlines the typical performance parameters for this specific part:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.10 µH (100 nH) |
| **Tolerance** | ±5% |
| **Quality Factor (Q min)** | 28 (at test frequency) |
| **Self-Resonant Frequency (SRF)** | ~450 MHz (Minimum) |
| **DC Resistance (DCR max)** | 0.44 Ω |
| **Rated Current (Idc)** | ~450 mA |
---
### 3. Key Features & Materials
* **Molded Construction:** The wire-wound coil is encapsulated in a hard epoxy resin, providing excellent mechanical strength and resistance to moisture and heat.
* **High Q Factor:** Designed for stability in high-frequency applications where low energy loss is critical.
* **Solderability:** Features high-quality terminations (usually tin-plated) suitable for flow or reflow soldering.
* **Standard Footprint:** The 1812 size is a standard EIA package, making it compatible with most automated pick-and-place machinery.
---
### 4. Common Applications
* **Telecommunications:** Base stations, modems, and satellite receivers.
* **Filtering:** Used in LC filter circuits to block high-frequency noise while allowing DC power to pass.
* **Impedance Matching:** Used in RF amplifiers to match the impedance between stages for maximum power transfer.
* **Automotive Electronics:** Navigation and infotainment systems due to its robust molded design.
---
- ⤷What is the difference between this wire-wound inductor and a multilayer ceramic inductor?
- ⤷ Can this inductor be used in high-temperature environments above 125°C?
- ⤷ How does the SRF (Self-Resonant Frequency) affect its performance in a circuit?