CTMC1812F-R10K
AI

The **CTMC1812F-R10K** is a high-reliability surface-mount (SMD) wire-wound chip inductor. It is commonly used in RF circuits, telecommunications, and power management for filtering and decoupling.
---
### ## 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's physical and electrical characteristics:
| Code Section | Meaning | Details |
| :--- | :--- | :--- |
| **CTMC** | Series | Molded Chip Inductor (Wire-wound) |
| **1812** | Case Size | 4.5mm x 3.2mm (Imperial 1812) |
| **F** | Tolerance | ±1% (Note: Standard "K" usually denotes 10%, but "F" prefix often indicates tight tolerance series) |
| **R10** | Inductance | 0.10 µH (100 nH) |
| **K** | Tolerance | ±10% (Standard industry code for this specific part) |
---
### ## 2. Technical Specifications
Below are the typical electrical parameters for this specific component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.10 µH |
| **Tolerance** | ±10% |
| **Q Factor (Min)** | 30 (at test frequency) |
| **Test Frequency** | 25.2 MHz |
| **Self-Resonant Frequency (SRF)** | ~700 MHz (Min) |
| **DC Resistance (DCR)** | ~0.18 Ω (Max) |
| **Rated Current (Idc)** | ~800 mA |
| **Operating Temperature** | -40°C to +125°C |
---
### ## 3. Physical Construction
The **CTMC1812** series utilizes a specific construction style:
* **Molded Body:** The wire coil is protected by a molded epoxy resin, providing excellent mechanical strength and resistance to moisture.
* **Wire-Wound Core:** Uses a ceramic or ferrite core (depending on inductance value) to achieve high Q factors.
* **Termination:** Solder-plated copper terminals for robust surface mounting.
---
### ## 4. Common Applications
* **RF Tuning:** Used in high-frequency oscillators and signal processing.
* **EMI/RFI Filtering:** Suppressing high-frequency noise in power supply lines.
* **Decoupling:** Preventing noise interference between different stages of a circuit.
* **Telecommunications:** Found in base stations, modems, and routers.
---
- ⤷
What are the differences between a molded inductor and a shielded power inductor?
- ⤷ How does the SRF (Self-Resonant Frequency) affect this inductor's performance in high-speed circuits?
- ⤷ Can I substitute a 1812 size inductor with a 1210 size if the inductance is the same?