CTMCA1105-R92
AI

The **CTMCA1105-R92** is a high-performance surface-mount device (SMD) inductor, specifically a **Molded Power Choke**. These components are widely used in power management circuits to store energy and filter noise.
### Technical Specifications
Below are the typical technical parameters for this specific component series:
| Parameter | Value/Description |
| :--- | :--- |
| **Component Type** | Molded Power Inductor (Shielded) |
| **Inductance** | 0.92 µH (Microhenries) |
| **Tolerance** | ±20% (Typical for "M" series) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Core Material** | Metal Alloy (Carbonyl Iron or equivalent) |
| **Shielding** | Magnetically Shielded (Low EMI) |
---
### Key Electronic Characteristics
#### 1. Molded Construction
The inductor is manufactured using a metal powder molding technology. This involves pressing metal powder around the copper coil.
* **Benefit:** Provides excellent magnetic shielding, reducing Electromagnetic Interference (EMI) with surrounding components.
* **Durability:** High resistance to thermal shock and mechanical vibration.
#### 2. High Saturation Current ($I_{sat}$)
Due to the metal alloy core, this part exhibits a "soft saturation" characteristic. Unlike ferrite cores that lose inductance abruptly when current increases, this part maintains its inductance more effectively under high loads.
#### 3. Low DC Resistance (DCR)
The internal coil is designed to have very low resistance. This minimizes power loss (heat) and improves the overall efficiency of the power supply.
#### 4. Frequency Range
These inductors are optimized for high-frequency DC-DC converters, typically operating efficiently in the range of 100 kHz to 5 MHz.
---
### Common Applications
The CTMCA1105-R92 is commonly found in high-density electronic environments:
* **Voltage Regulator Modules (VRMs):** Used in CPU and GPU power delivery on motherboards.
* **DC-DC Converters:** Point-of-load (POL) converters in laptops and servers.
* **Battery Powered Devices:** Due to high efficiency and compact size.
* **Automotive Electronics:** Infotainment and ADAS systems (if AEC-Q200 qualified).
---
### Comparison: Metal Alloy vs. Ferrite
| Feature | Metal Alloy (CTMCA) | Traditional Ferrite |
| :--- | :--- | :--- |
| **Saturation** | Soft Saturation | Sharp Saturation |
| **EMI** | Very Low (Shielded) | Moderate |
| **Acoustic Noise** | Ultra-low (Buzz-free) | Potential for Buzzing |
| **Size** | Smaller for same Current | Larger |
- ⤷What is the maximum current rating (Irms) for the CTMCA1105-R92?
- ⤷ How does the 'soft saturation' of a metal alloy core improve circuit stability?
- ⤷ What are the physical dimensions of the 1105 package size?