CTML0603-R068K
AI

## CTML0603-R068K: Multi-layer Chip Inductor
The **CTML0603-R068K** is a surface-mount multi-layer ceramic chip inductor. These components are designed for high-density mounting in electronic circuits to provide inductance while maintaining a small footprint.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the specific technical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CTML** | Series Type | Ceramic Multi-Layer Inductor |
| **0603** | Case Size | Imperial size 0603 (1.6mm x 0.8mm) |
| **R068** | Inductance Value | **0.068 µH** (68 nH) |
| **K** | Tolerance | **±10%** |
---
### 2. Technical Specifications
The typical performance characteristics for this class of inductor are as follows:
* **Inductance:** 0.068 µH (68 nanohenries).
* **Operating Temperature:** Generally ranges from -55°C to +125°C.
* **Material Construction:** Ferrite or Ceramic body with internal silver (Ag) printed layers.
* **Termination:** Usually nickel barrier with tin plating for excellent solderability.
---
### 3. Key Features and Applications
Multi-layer inductors like the CTML0603 series are preferred over wire-wound types in specific scenarios due to their physical structure.
#### Key Features:
* **Magnetic Shielding:** The closed magnetic circuit minimizes crosstalk and EMI (Electromagnetic Interference).
* **High Reliability:** No external wires to break; monolithic structure provides high mechanical strength.
* **Miniaturization:** Ideal for compact consumer electronics.
#### Common Applications:
* **Resonant Circuits:** Used in high-frequency communication devices.
* **EMI Suppression:** Filtering high-frequency noise in signal lines.
* **Mobile Electronics:** Smartphones, tablets, and wearable devices.
* **Computer Peripherals:** Motherboards and high-speed data interfaces.
---
### 4. Circuit Symbol and Footprint
In a schematic, this part is represented by the standard inductor symbol.
```text
L1
---(uuu)---
0.068uH
```
- ⤷
What is the difference between multi-layer and wire-wound inductors?
- ⤷ How does the Q-factor affect the performance of this inductor?
- ⤷ What is the Self-Resonant Frequency (SRF) for the 0603 series?