CTML0603-R56K
AI

## CTML0603-R56K: Technical Overview
The **CTML0603-R56K** is a Multilayer Chip Inductor, commonly used in high-frequency circuits and surface-mount technology (SMT) applications. It is designed for compact electronic devices where space is at a premium and high performance is required.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's core specifications:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | CTML | Multilayer Chip Inductor |
| **Size** | 0603 | Dimensions (0.06 x 0.03 inches or 1.6 x 0.8 mm) |
| **Inductance** | R56 | 0.56 Microhenries ($\mu$H) |
| **Tolerance** | K | ±10% |
---
### 2. Key Specifications
The following table highlights the typical electrical characteristics for this part:
| Property | Value |
| :--- | :--- |
| **Inductance** | 0.56 $\mu$H |
| **Tolerance** | ±10% |
| **Test Frequency** | 25 MHz |
| **Rated Current (Max)** | ~100 mA - 150 mA (varies by manufacturer) |
| **DC Resistance (Max)** | 0.70 $\Omega$ |
| **Self-Resonant Frequency** | 100 MHz (Min) |
| **Operating Temperature** | -55°C to +125°C |
---
### 3. Construction and Materials
The "Multilayer" designation refers to the internal architecture of the component:
* **Material:** Often ceramic or ferrite-based. Ferrite provides better inductance values in a small package.
* **Electrodes:** Internal silver printing with a nickel and tin plating (Pb-free) for excellent solderability.
* **Magnetic Shielding:** Because it is a multilayer structure, it is inherently magnetically shielded, reducing electromagnetic interference (EMI) and cross-talk between components.
---
### 4. Common Applications
Due to its 0603 footprint and specific inductance, it is frequently found in:
* **Mobile Communication:** Smartphones and tablets for signal filtering.
* **Computer Peripherals:** Motherboards and high-speed data buses.
* **RF Modules:** Impedance matching and resonance circuits.
* **EMI Suppression:** Reducing noise in low-voltage power lines.
---
### 5. Footprint (Mechanical Data)
```text
L: 1.60 ± 0.15 mm
W: 0.80 ± 0.15 mm
T: 0.80 ± 0.15 mm
```
- ⤷
What is the difference between a multilayer inductor and a wire-wound inductor?
- ⤷ How does the 'K' tolerance affect circuit performance in RF applications?
- ⤷ Are there recommended substitutes with a tighter tolerance than 10%?