CTML0603-R56M
AI

The **CTML0603-R56M** is a surface-mount multilayer chip inductor. This specific component is designed for high-density circuits, providing inductance in a very small physical footprint.
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's specifications:
| Segment | Value | Meaning |
| :--- | :--- | :--- |
| **CTML** | Series | Multilayer Chip Inductor |
| **0603** | Size | Imperial dimensions (0.06 x 0.03 inches / 1.6 x 0.8 mm) |
| **R56** | Inductance | 0.56 microhenries ($\mu H$) |
| **M** | Tolerance | $\pm 20\%$ |
---
### 2. Key Technical Specifications
Below are the typical electrical and physical characteristics for this part:
* **Inductance:** $0.56 \mu H$
* **DC Resistance (DCR):** Usually ranges between $0.40\Omega$ to $0.70\Omega$ (depending on the specific manufacturer).
* **Rated Current:** Typically around $150mA$ to $250mA$.
* **Self-Resonant Frequency (SRF):** High frequency performance, often above $100 MHz$.
* **Operating Temperature:** $-55^{\circ}C$ to $+125^{\circ}C$.
---
### 3. Construction and Features
* **Multilayer Technology:** Unlike wire-wound inductors, this is built using a monolithic structure (layers of ceramic and conductive paste fired together). This makes it highly reliable and provides excellent magnetic shielding.
* **Magnetic Shielding:** The closed magnetic circuit minimizes crosstalk and EMI (Electromagnetic Interference), allowing for high-density placement on PCBs.
* **Solderability:** Features nickel barrier terminations with a tin plating layer to prevent leaching during the soldering process.
---
### 4. Typical Applications
The CTML0603 series is generally found in small consumer electronics where space is a premium:
1. **Mobile Devices:** Smartphones and tablets for power supply decoupling.
2. **RF Circuits:** Matching and filtering in low-power wireless modules.
3. **Computers:** Noise suppression in motherboards and high-speed data lines.
---
- ⤷
What are the main differences between multilayer and wire-wound inductors?
- ⤷ How does the 'M' tolerance impact circuit performance compared to 'K' tolerance?
- ⤷ What is the recommended land pattern for a 0603 package on a PCB?