CTML0805-R10K
AI

The **CTML0805-R10K** is a surface-mount multi-layer chip inductor. These components are essential in modern electronics for filtering, impedance matching, and energy storage in compact circuits.
Below is a detailed breakdown of its specifications and characteristics.
---
### 1. Part Number Deciphering
Understanding the alphanumeric code helps identify the physical and electrical constraints of the component:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **CTML** | Series Type | Multi-layer Chip Inductor |
| **0805** | Case Size | 0.08 x 0.05 inches (2.0 x 1.25 mm) |
| **R10** | Inductance Value | 0.10 µH (Microhenries) |
| **K** | Tolerance | ±10% |
---
### 2. Technical Specifications
While exact values can vary slightly by manufacturer (such as Central Technologies), the standard parameters for a 0.10µH 0805 inductor are typically:
* **Inductance:** 0.10 µH
* **Quality Factor (Q):** Typically 15–25 (minimum), representing the efficiency of the inductor.
* **Self-Resonant Frequency (SRF):** Usually above 200–300 MHz.
* **DC Resistance (DCR):** Low resistance (approx. 0.20 – 0.40 Ohms) to minimize power loss.
* **Rated Current:** Generally between 200mA and 300mA.
* **Operating Temperature:** Typically -55°C to +125°C.
---
### 3. Construction and Material
* **Multi-layer Technology:** Unlike wire-wound inductors, these are made by layering conductive paste (usually silver) between thin sheets of ferrite or ceramic material. This results in a monolithic, rugged structure.
* **Magnetic Shielding:** The multi-layer construction provides a closed magnetic path, which minimizes electromagnetic interference (EMI) and prevents the inductor from affecting nearby components.
---
### 4. Common Applications
Due to its small 0805 footprint and low inductance value, the CTML0805-R10K is commonly used in:
1. **High-Frequency Filtering:** Removing noise from power lines in mobile phones and laptops.
2. **Impedance Matching:** Used in RF (Radio Frequency) circuits to ensure maximum power transfer between stages.
3. **Decoupling:** Preventing high-frequency signals from traveling through the power supply rails.
---
### 5. Advantages vs. Disadvantages
| Pros | Cons |
| :--- | :--- |
| Excellent magnetic shielding (low EMI). | Lower current handling than wire-wound types. |
| High reliability in vibrating environments. | Lower Q-factor compared to air-core inductors. |
| Very small footprint for dense PCB designs. | Limited inductance range in the 0805 package. |
- ⤷
What is the difference between multi-layer and wire-wound inductors?
- ⤷ How does the SRF (Self-Resonant Frequency) affect circuit performance?
- ⤷ Can this inductor be used in high-power LED driver circuits?