CTML0805-R47K
AI

The **CTML0805-R47K** is a surface-mount multilayer chip inductor. This specific part is widely used in high-frequency circuits for noise suppression and signal conditioning.
---
### 1. Part Number Deciphering
Understanding the nomenclature helps identify the physical and electrical characteristics of the component:
| Segment | Value | Meaning |
| :--- | :--- | :--- |
| **CTML** | Series | Multilayer Ferrite Chip Inductor |
| **0805** | Case Size | Dimensions: 2.0mm x 1.25mm (0.08 x 0.05 inches) |
| **R47** | Inductance | **0.47 µH** (R represents the decimal point) |
| **K** | Tolerance | **±10%** |
---
### 2. Technical Specifications
Below are the typical electrical parameters for this specific inductor model:
* **Inductance:** 0.47 µH
* **Tolerance:** ±10%
* **Operating Temperature:** -55°C to +125°C
* **Material:** Ferrite body with internal silver (Ag) printed conductors.
* **Termination:** Nickel barrier with Tin (Sn) plating for excellent solderability.
---
### 3. Key Features & Applications
#### Features
* **Monolithic Structure:** Provides high reliability and stability over time.
* **Magnetic Shielding:** The multilayer ferrite construction minimizes electromagnetic interference (EMI) with surrounding components.
* **No Polarity:** These parts are non-polarized, meaning they can be mounted in any orientation.
#### Common Applications
1. **Noise Suppression:** Filtering high-frequency noise in DC power lines.
2. **Communication Devices:** Used in cellular phones, Wi-Fi modules, and Bluetooth circuits.
3. **Computers:** Found on motherboards and peripherals to stabilize voltage rails.
4. **Consumer Electronics:** Essential for tablets, smartwatches, and portable media players.
---
### 4. Handling and Soldering
Since this is an **0805** package, it is small but manageable for hand-soldering. However, in mass production, the following is recommended:
* **Reflow Soldering:** Standard lead-free profiles are compatible.
* **Storage:** Keep in a low-humidity environment to prevent oxidation of the terminals.
- ⤷
What is the maximum current rating for the CTML0805-R47K?
- ⤷ How does a multilayer inductor differ from a wire-wound inductor?
- ⤷ Can this part be replaced with a 0603 size inductor of the same value?