CTML0805F-R27K
AI

The **CTML0805F-R27K** is a surface-mount multilayer chip inductor. This specific component is widely used in high-frequency circuits for noise filtering, signal shaping, and impedance matching.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's specifications:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **CTML** | Series | Multilayer Chip Inductor (Ferrite Core) |
| **0805** | Case Size | 0.08 x 0.05 inches (2.0 x 1.25 mm) |
| **F** | Lead-Free | RoHS Compliant / Green Material |
| **R27** | Inductance Value | 0.27 µH (Microhenries) |
| **K** | Tolerance | ±10% |
---
### 2. Technical Specifications
The electrical characteristics are critical for determining circuit compatibility:
* **Inductance:** 0.27 µH
* **Tolerance:** ±10% (K-grade)
* **Material:** Ferrite construction (Multilayer)
* **Operating Temperature:** Typically -55°C to +125°C
* **Termination:** Standard Tin (Sn) over Nickel (Ni) barrier to prevent leaching during soldering.
---
### 3. Key Physical Features
As a multilayer inductor, it differs from wire-wound inductors in several ways:
1. **Monolithic Structure:** The coil is printed on ferrite layers and sintered into a single block, making it highly reliable and physically robust.
2. **Magnetic Shielding:** The closed magnetic circuit design minimizes EMI (Electromagnetic Interference) and prevents crosstalk with neighboring components.
3. **Miniaturization:** The 0805 footprint is ideal for high-density PCB layouts in portable electronics.
---
### 4. Typical Applications
The CTML0805F-R27K is generally used in low-to-medium power scenarios:
* **Resonance Circuits:** Used in oscillators and tuning circuits.
* **EMI Suppression:** Filtering high-frequency noise in data lines.
* **Power Decoupling:** Preventing noise from spreading between different stages of a DC power supply.
* **Consumer Electronics:** Found in smartphones, tablets, and computer motherboards.
---
### 5. Land Pattern (Footprint)
For PCB design, use the standard 0805 (Metric 2012) land pattern:
```text
[ 2.0mm ]
+-----------+ ---
| (Pad 1) | 1.25mm
+-----------+ ---
```
- ⤷
What is the maximum DC current rating for the CTML0805F series?
- ⤷ How does a ferrite multilayer inductor compare to a wire-wound inductor?
- ⤷ Can this part be used in automotive applications?