CTML0805F-R27M
AI

The **CTML0805F-R27M** is a surface-mount multilayer chip inductor designed for high-frequency and general-purpose filtering applications. It belongs to the CTML (Chip Trans-Inductor Multilayer) series, characterized by its compact 0805 footprint.
### 1. Key Technical Specifications
The part number can be decoded to understand its specific electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.27 µH (denoted by "R27") |
| **Tolerance** | ±20% (denoted by "M") |
| **Case Size** | 0805 (2.0mm x 1.25mm) |
| **Material** | Ferrite Core |
| **Termination** | Solder-plated (standard for SMT) |
---
### 2. Component Characteristics
The CTML series utilizes a multilayer process that integrates internal electrodes within a ceramic/ferrite body, offering several advantages over wire-wound inductors:
* **Magnetic Shielding:** The closed magnetic circuit structure minimizes electromagnetic interference (EMI) and crosstalk between components.
* **High Reliability:** No exposed wires to break or short, making it suitable for high-density PCB designs.
* **Compactness:** Provides high inductance values relative to its physical volume.
* **Operating Temperature:** Typically ranges from **-55°C to +125°C**, making it robust for industrial use.
---
### 3. Applications and Use Cases
This specific inductor (0.27 µH) is commonly used in high-frequency circuits where small signal integrity is critical.
* **Power Supplies:** Used in DC-DC converters for low-power ripple filtering.
* **Communication Devices:** Found in mobile phones, Wi-Fi modules, and Bluetooth circuits for impedance matching.
* **EMI Suppression:** Filtering high-frequency noise in digital signal lines to prevent interference with sensitive analog components.
* **Consumer Electronics:** General decoupling in laptops, tablets, and smart devices.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in sourcing or finding equivalents:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **CTML** | Series | Multilayer Chip Inductor |
| **0805** | Size | 0.08 x 0.05 inches (2.0 x 1.25 mm) |
| **F** | Material | Ferrite Base |
| **R27** | Value | 0.27 Microhenries (µH) |
| **M** | Tolerance | ±20% |
- ⤷What is the maximum current rating (Imax) for this specific inductor?
- ⤷ How does a ferrite core inductor differ from a ceramic core inductor in high-frequency applications?
- ⤷ Can this part be used in automotive-grade designs?