CTML1206-R33K
AI

The **CTML1206-R33K** is a specific electronic component belonging to the family of **Surface Mount Device (SMD) Multilayer Chip Inductors**.
Below is a detailed breakdown of its specifications, naming convention, and technical characteristics.
---
## 1. Technical Specifications
The part number encodes the primary electrical and physical characteristics. Here is the summary:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.33 µH | The nominal inductance value. |
| **Tolerance** | ±10% | The allowable deviation from the nominal value (K). |
| **Case Size** | 1206 (EIA) | Physical dimensions (approx. 3.2mm x 1.6mm). |
| **Construction** | Multilayer | Ferrite layers with internal coils. |
| **Material** | Ferrite | Standard magnetic material for power and signal. |
---
## 2. Deciphering the Part Number (Nomenclature)
To understand this component, we can break down the manufacturer code:
* **CTML**: Series designation (Cal-Chip Multilayer Inductor).
* **1206**: The package size (Length 0.12" x Width 0.06").
* **R33**: The inductance value. The "R" acts as a decimal point ($0.33\mu H$).
* **K**: The tolerance code ($\pm10\%$).
---
## 3. Key Electronic Characteristics
### A. Magnetic Shielding
Because it is a **multilayer** chip inductor, the magnetic flux is contained within the body. This is a "self-shielded" design, which minimizes Electromagnetic Interference (EMI) and prevents cross-talk between components on a densely packed PCB.
### B. High Reliability
The monolithically integrated structure provides higher reliability than traditional wire-wound inductors because there are no external wires that can break or short-circuit under vibration.
### C. Frequency Performance
The 1206 0.33µH inductor is typically used for:
* **SRF (Self-Resonant Frequency):** Usually in the range of 100MHz to 250MHz.
* **Q-Factor:** Provides moderate quality factor, suitable for signal decoupling.
---
## 4. Common Applications
These parts are ubiquitous in modern electronics due to their small footprint and shielding.
1. **Filtering & Decoupling:** Used in power supply lines to filter out high-frequency noise.
2. **Signal Processing:** Shaping signals in telecommunication equipment.
3. **DC-DC Converters:** Small-scale energy storage in portable electronics (smartphones, tablets).
4. **Computer Peripherals:** Used on motherboards for CPU and RAM power rails.
---
## 5. Comparison: Ferrite vs. Ceramic
The CTML series generally uses a **ferrite** core.
* **Ferrite (This Part):** Better for power applications and low-frequency filtering because it provides higher inductance in a smaller package.
* **Ceramic (Alternative):** Better for high-frequency RF applications (GHz range) but offers much lower inductance values.
- ⤷
How does a 1206 package size compare to 0805 or 0603 in terms of current handling?
- ⤷ What is the typical Self-Resonant Frequency (SRF) for a 0.33uH multilayer inductor?
- ⤷ What are the common failure modes for multilayer chip inductors in power circuits?