CTMPC100804F-R24M
AI

## Technical Overview: CTMPC100804F-R24M
The **CTMPC100804F-R24M** is a high-performance, surface-mount (SMD) molded power inductor. It is designed specifically for high-current applications where space is limited and efficiency is critical, such as DC-DC converters.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **CTMPC** | Series Name | Molded Power Inductor (Composite Core) |
| **100804** | Case Size | ~1.0mm x 0.8mm x 0.4mm (Compact) |
| **F** | Lead-Free | RoHS Compliant / Environmental Standard |
| **R24** | Inductance Value | 0.24 µH (Microhenries) |
| **M** | Tolerance | ±20% |
---
### 2. Key Electrical Specifications
Based on the standard parameters for this series, here are the technical limits:
* **Inductance:** 0.24 µH
* **DC Resistance (DCR):** Extremely low, typically optimized to minimize power loss.
* **Isat (Saturation Current):** The current level where inductance drops by a specific percentage (usually 30%). Molded inductors feature "soft saturation."
* **Irms (Heating Current):** The continuous current that causes a 40°C temperature rise.
* **Operating Temperature:** Typically -40°C to +125°C.
---
### 3. Core Technology: Molded Construction
Unlike traditional wire-wound inductors with an open core, the **CTMPC series** uses a metal powder molding technology:
1. **Magnetic Shielding:** The metal powder surrounds the coil, inherently shielding the component and reducing Electromagnetic Interference (EMI).
2. **High Current Density:** The composite core handles higher peak currents without sudden saturation compared to ferrite cores.
3. **Mechanical Ruggedness:** The solid molded body provides excellent resistance to vibration and thermal shock.
---
### 4. Common Applications
This specific part is ideal for high-density electronic environments:
* **Smartphones & Tablets:** Power management modules (PMIC).
* **Wearables:** Due to its ultra-low profile (0.4mm height).
* **SSD/Storage:** Localized voltage regulation for high-speed data chips.
* **IoT Devices:** Where battery life depends on high-efficiency power conversion.
---
- ⤷
What are the specific Isat and Irms ratings for the 0.24uH variant?
- ⤷ How does the molded core compare to a standard ferrite core in terms of EMI?
- ⤷ What is the recommended solder reflow profile for this SMD package?