CTMPH060303F-R33M
AI

The **CTMPH060303F-R33M** is a high-performance, surface-mount (SMD) power inductor. This specific component belongs to the **Molded Power Inductor** category, designed for high-current applications where space is limited and efficiency is critical.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
| Code Segment | Meaning | Specification |
|:---|:---|:---|
| **CTMPH** | Series | High-current Molded Power Inductor |
| **060303** | Case Size | ~1.6mm x 0.8mm x 0.8mm (Metric 1608) |
| **F** | Lead-Free | RoHS Compliant / Halogen Free |
| **R33** | Inductance Value | 0.33 µH (Microhenries) |
| **M** | Tolerance | ±20% |
---
### 2. Technical Specifications
These parts are engineered for stability across varying temperatures and high-frequency environments.
* **Inductance:** 0.33 µH
* **DC Resistance (DCR):** Typically very low (measured in mΩ) to minimize power loss.
* **Saturation Current ($I_{sat}$):** The current level where inductance drops (usually by 30%). Molded inductors have a "soft" saturation curve.
* **Rated Current ($I_{rms}$):** The continuous current that causes a specific temperature rise (usually 40°C).
* **Operating Temperature:** Typically ranges from -40°C to +125°C.
---
### 3. Key Features
* **Magnetic Shielding:** The molded construction uses a magnetic metal powder core that encapsulates the coil, reducing Electromagnetic Interference (EMI).
* **High Current Density:** Capable of handling higher currents compared to traditional ferrite drum core inductors of the same size.
* **Low Buzz Noise:** The solid molded structure minimizes acoustic noise caused by magnetostriction.
* **Compact Footprint:** The 0603 (metric 1608) size is ideal for mobile devices and dense PCB layouts.
---
### 4. Common Applications
This inductor is primarily used in power management circuits:
1. **DC-DC Converters:** Buck, Boost, and Buck-Boost regulators.
2. **Mobile Electronics:** Smartphones, tablets, and wearable tech.
3. **Computing:** High-speed RAM power supplies and CPU peripheral rails.
4. **IoT Devices:** Battery-powered sensors requiring high efficiency.
---
- ⤷
What are the specific Saturation and RMS current ratings for this inductor?
- ⤷ How does a molded inductor compare to a wire-wound ferrite inductor in terms of EMI?
- ⤷ What is the recommended solder reflow profile for the 0603 case size?