CTNLV32F-R033K
AI

The **CTNLV32F-R033K** is a high-frequency, surface-mount (SMD) chip inductor typically used in communication equipment and signal processing. It belongs to the wire-wound inductor category, designed for stability and high performance in a compact form factor.
---
### 1. Technical Specifications
The alphanumeric code provides specific details regarding its electrical characteristics:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.033 µH (33 nH) | Measured at 100 MHz |
| **Tolerance** | ±10% (K) | Standard industrial tolerance |
| **Case Size** | 3225 (Metric) / 1210 (Imperial) | 3.2mm x 2.5mm |
| **DC Resistance (DCR)** | ~0.13 Ω (Max) | Resistance of the internal wire |
| **Rated Current** | ~450 mA | Maximum continuous current |
| **Self-Resonant Frequency** | >2000 MHz | Frequency where it stops acting as an inductor |
---
### 2. Physical Construction
* **Core Material:** Usually a ceramic or ferrite core depending on the specific frequency optimization.
* **Termination:** Lead-free (RoHS compliant) solder coating, usually Matte Tin over Nickel.
* **Encapsulation:** Molded or coated resin for protection against environmental factors and mechanical stress.
---
### 3. Key Features
1. **Low Profile:** The 1210 package size allows for high-density PCB mounting.
2. **High Q Factor:** Offers high efficiency and low energy loss in RF (Radio Frequency) circuits.
3. **Excellent Solderability:** Designed for reflow soldering processes common in modern SMT assembly lines.
4. **Wide Temperature Range:** Typically rated for operation between **-40°C and +105°C**.
---
### 4. Typical Applications
* **RF Modules:** Used in cellular phones, GPS receivers, and Bluetooth modules for signal filtering.
* **High-Speed Data Lines:** To suppress high-frequency noise without affecting the data signal.
* **WLAN/Wi-Fi Circuits:** Impedance matching and tuning in wireless networking hardware.
---
### 5. Identification Code Breakdown
The part number follows a standard logic:
* **CT:** Brand/Series prefix (often Central Technologies).
* **NLV:** Non-shielded, Low-profile, Volumetric efficiency.
* **32:** 3.2mm length (1210 footprint).
* **F:** RoHS Compliant / Lead-free.
* **R033:** Inductance value (R = decimal point; 0.033 µH).
* **K:** Tolerance (±10%).
- ⤷
What are the equivalent alternative part numbers for the CTNLV32F-R033K?
- ⤷ How does the 'K' tolerance affect circuit performance compared to a 'J' tolerance?
- ⤷ Can this inductor be used in power supply filtering applications?