CTSFW7050F-R76M
AI

The **CTSFW7050F-R76M** is a high-performance, shielded power inductor typically used in automotive and industrial power management circuits. It is designed to handle high currents while maintaining low electromagnetic interference (EMI).
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by manufacturers (like Central Technologies). Below are the core technical parameters:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.76 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **Case Size** | 7050 (Approx. 7.0mm x 7.5mm x 5.0mm) |
| **Structure** | Shielded (Ferrite Core) |
| **Mounting Type** | Surface Mount (SMD) |
### 2. Physical Construction
The "7050" footprint refers to the physical dimensions of the component. The construction usually consists of:
* **Winding:** Copper wire wound around a ferrite core.
* **Shielding:** A magnetic shield (often a metal composite or ferrite sleeve) that keeps the magnetic field contained, preventing interference with nearby sensitive components.
* **Terminals:** Robust Solder pads designed for reflow soldering.
### 3. Key Electronic Functions
* **Energy Storage:** It stores energy in a magnetic field during the "on" cycle of a switching regulator and releases it during the "off" cycle.
* **Filtering:** Acts as a low-pass filter to smooth out current ripples in DC-DC converters.
* **High Current Handling:** Due to the 0.76 µH value, it is optimized for high-speed switching power supplies where low inductance allows for faster transient responses.
### 4. Typical Applications
This specific inductor is commonly found in:
1. **Automotive Electronics:** Powering ADAS sensors, infotainment units, or LED lighting drivers.
2. **DC/DC Converters:** Point-of-Load (POL) power supplies for CPUs or FPGAs.
3. **Industrial Controls:** High-efficiency power modules requiring low EMI signatures.
---
- ⤷What is the maximum saturation current for the CTSFW7050F series?
- ⤷ How does the 'M' suffix affect the performance of this inductor?
- ⤷ What are the recommended alternatives for high-temperature automotive environments?