CTX0.68-1P-R
AI

The **CTX0.68-1P-R** is a specific electronic component belonging to the **CTX Series** of high-power, surface-mount (SMT) inductors, manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**.
---
### 1. Key Technical Specifications
The part number itself contains encoded information about its electrical characteristics.
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.68 µH (Microhenries) |
| **Tolerance** | ±20% (Standard for this series) |
| **Current Rating (Isat)** | ~18A to 25A (Depending on temperature rise) |
| **DC Resistance (DCR)** | Extremely Low (typically < 2.0 mΩ) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Shielding** | Magnetically Shielded |
---
### 2. Physical Construction and "1P" Designation
The "1P" in the part number refers to the **Octa-Path** or specialized footprint configuration often found in the **Power-Plus** series.
* **Core Material:** Ferrite core for low core losses at high frequencies.
* **Design:** These are often "Flat-Pac" or high-profile inductors designed to handle high current ripples without saturating quickly.
* **RoHS Compliant:** The "-R" suffix indicates that the part is Lead-Free and RoHS compliant.
---
### 3. Common Applications
Due to its very low inductance (0.68 µH) and high current capability, this part is typically found in:
1. **Voltage Regulator Modules (VRMs):** Used in CPUs and GPUs where high current and fast transient response are required.
2. **DC-DC Converters:** High-frequency switching power supplies.
3. **Point of Load (POL) Converters:** Providing stable power near the integrated circuits on a PCB.
4. **Multi-phase Buck Converters:** Used in servers and telecommunication equipment.
---
### 4. Part Number Breakdown
To better understand similar parts in the family, here is how the code is structured:
`CTX` | `0.68` | `-1` | `P` | `-R`
---|---|---|---|---
Series Name | Inductance in µH | Size Code | High Power/Performance | RoHS Compliant
---
- ⤷
What are the footprint dimensions for the CTX0.68-1P-R?
- ⤷ What is the saturation current (Isat) versus the heating current (Irms) for this inductor?
- ⤷ Are there recommended substitutes with a lower DCR?