CTX0.68-2A-R
AI

The **CTX0.68-2A-R** is a specific surface-mount power inductor from the **OCTA-PAC® PLUS** series, manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). These components are known for their versatility as they contain two identical windings that can be connected in series or parallel.
### 1. Technical Specifications
The electrical characteristics vary depending on how the two internal coils are configured:
| Property | Parallel Connection | Series Connection |
| :--- | :--- | :--- |
| **Inductance ($L$)** | $0.68\ \mu\text{H}$ | $2.72\ \mu\text{H}$ |
| **Current Rating ($I_{rms}$)** | $6.4\ \text{A}$ | $3.2\ \text{A}$ |
| **Peak Current ($I_{sat}$)** | $10.4\ \text{A}$ | $5.2\ \text{A}$ |
| **DCR (Max)** | $0.0113\ \Omega$ | $0.0452\ \Omega$ |
---
### 2. Key Features & Material
* **Dual Winding Design:** Allows the part to function as a single inductor, a 1:1 transformer, or a common-mode choke.
* **Core Material:** Powdered Iron (higher saturation flux density, suitable for high-frequency DC-DC conversion).
* **Shielding:** Generally unshielded, though the toroidal-style shape helps contain magnetic flux compared to open-drum cores.
* **Operating Temperature:** Typically rated for $-40^\circ\text{C}$ to $+125^\circ\text{C}$.
---
### 3. Application Use Cases
This part is commonly found in power management circuits where high efficiency and high current handling are required:
1. **Buck/Boost Converters:** Used as the energy storage element in voltage regulators.
2. **SEPIC Converters:** The dual-winding nature makes it ideal for SEPIC (Single-Ended Primary-Inductor Converter) topologies where two inductors are needed on a single core.
3. **EMI Filtering:** Can be used as a common-mode choke to filter noise in power lines.
4. **1:1 Transformers:** Useful for isolated flyback converters or providing a secondary auxiliary voltage.
---
### 4. Part Number Breakdown
The nomenclature follows a specific logic:
* **CTX:** Coiltronics Product Series.
* **0.68:** Base inductance value in microhenries ($\mu\text{H}$).
* **2A:** Size/Package code (identifies the physical footprint).
* **-R:** RoHS compliant (Lead-free).
- ⤷
How do I decide between series and parallel connection for this inductor?
- ⤷ What is the physical footprint size for the '2A' package code?
- ⤷ Can this inductor be used in high-temperature automotive applications?