CTX1-2A-R
AI

## Overview: CTX1-2A-R Inductor
The **CTX1-2A-R** is a specific surface-mount (SMT) dual-winding inductor manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**. It belongs to the **OCTA-PAC®** series, known for its versatility in power conversion circuits.
---
### 1. Key Technical Specifications
The following table outlines the electrical and physical characteristics of the CTX1-2A-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance (Parallel)** | 1.15 µH |
| **Inductance (Series)** | 4.6 µH |
| **Current Rating (RMS)** | 6.4 A (Parallel) / 3.2 A (Series) |
| **DC Resistance (DCR)** | 0.0104 Ω (Parallel) / 0.0416 Ω (Series) |
| **Tolerance** | ±20% |
| **Core Material** | Iron Powder (High saturation) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Core Functional Features
#### Dual Winding Design
The most significant feature of this part is that it contains **two separate windings** on a single core. This allows the component to be configured in three different ways depending on the PCB layout:
1. **Parallel Connection:** Increases current capacity and lowers total inductance.
2. **Series Connection:** Increases total inductance.
3. **1:1 Transformer:** Can be used for isolation or SEPIC (Single-Ended Primary-Inductor Converter) topologies.
#### High Power Density
The OCTA-PAC® design utilizes an iron powder toroid core which provides:
* **Low EMI:** The toroidal shape naturally contains the magnetic flux.
* **Soft Saturation:** Unlike ferrite cores that lose inductance sharply, iron powder cores saturate gradually, making them safer for high-current spikes.
---
### 3. Common Applications
The CTX1-2A-R is typically found in the following electronic circuits:
* **DC-DC Converters:** Used as a storage inductor in Buck, Boost, or Buck-Boost regulators.
* **SEPIC Converters:** Leveraging the dual windings to maintain a steady output voltage regardless of whether the input is higher or lower.
* **Filters:** Used in EMI/RFI filtering for power supplies.
* **Battery Powered Systems:** Due to its small SMT footprint and high efficiency.
---
### 4. Schematic Representation
When designing with this part, the pinout is crucial. In a standard SMT footprint:
* **Winding 1:** Pins 1 and 4
* **Winding 2:** Pins 2 and 3
```text
(Start) 1 o---( Winding 1 )---o 4 (End)
(Start) 2 o---( Winding 2 )---o 3 (End)
```
- ⤷
What are the advantages of using this part in a SEPIC converter versus two separate inductors?
- ⤷ How does the 'soft saturation' of the iron powder core affect circuit stability?
- ⤷ What are the recommended soldering profiles for the CTX1-2A-R to avoid core damage?