CTX10-3A-R
AI

### CTX10-3A-R Electronic Component Overview
The **CTX10-3A-R** is a high-performance **Dual-Winding Toroidal Inductor** (often referred to as a "Common Mode Choke" or a "Configurable Inductor") manufactured by **Eaton (formerly Coiltronics)**. It is part of the **OCTA-PAC** series, designed for power conversion applications.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance (Parallel)** | 10.4 µH |
| **Inductance (Series)** | 41.6 µH |
| **Current Rating (Parallel)** | 3.65 Amps |
| **Current Rating (Series)** | 1.82 Amps |
| **DCR (Direct Current Resistance)** | ~0.038 Ω (Parallel) |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temperature** | -40°C to +125°C |
| **Core Material** | Powdered Iron (High efficiency) |
---
### Key Features and Construction
1. **Dual Winding Design**: The device contains two identical windings. This allows engineers to connect the pins in different configurations to change the inductance and current capacity.
2. **Toroidal Geometry**: The ring-shaped core minimizes electromagnetic interference (EMI) because the magnetic field is largely contained within the core.
3. **Low Profile**: Part of the OCTA-PAC family, it is designed for pick-and-place assembly on PCBs where vertical space might be limited.
4. **High Power Density**: The powdered iron core provides excellent saturation characteristics, meaning it maintains its inductance even as current increases.
---
### Typical Applications
* **DC-DC Converters**: Used as a power inductor in buck, boost, or SEPIC converters.
* **EMI Filtering**: Can be wired as a common-mode choke to filter out noise from power lines.
* **Voltage Isolation**: Since there are two separate windings, it can act as a 1:1 transformer for basic signal or power isolation.
* **Ripple Filtering**: Smoothing out current spikes in switching power supplies.
---
### Wiring Configurations
| Configuration | Connection Method | Result |
| :--- | :--- | :--- |
| **Series** | Windings connected end-to-end. | **Higher Inductance (4x)**, Lower Current. |
| **Parallel** | Windings connected side-by-side. | **Higher Current (2x)**, Lower Inductance. |
- ⤷
What is the difference between the CTX and the CTX-P series?
- ⤷ How do I calculate the saturation current for this part in a series configuration?
- ⤷ Can this inductor be used in high-frequency automotive applications?