CTX100-1-R
AI

The **CTX100-1-R** is a high-performance, surface-mount (SMT) power inductor manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**. It is part of the **OCTA-PAC** series, known for its versatility in power conversion applications.
---
## 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the CTX100-1-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 100 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 0.65 Amps |
| **Peak Current (Isat)** | 0.82 Amps |
| **DC Resistance (DCR)** | 0.606 Ohms (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Core Material** | Powdered Iron (Toroidal) |
---
## 2. Core Features and Design
The "R" in the part number denotes that the component is **RoHS compliant**. The CTX100-1-R is designed with several specific engineering advantages:
### A. Toroidal Geometry
The inductor uses a toroidal (ring-shaped) core. This design is highly efficient because it inherently contains the magnetic flux within the core, resulting in:
* **Low EMI:** Minimal electromagnetic interference with surrounding components.
* **High Efficiency:** Lower core losses compared to traditional E-core shapes.
### B. Octa-Pac Construction
The "1" in the part number refers to the size (Size 1). These inductors are wound on a header that allows for secure surface mounting and automated pick-and-place assembly.
### C. Thermal Stability
Designed to withstand high reflow temperatures, it maintains stable inductance across a wide temperature range, making it suitable for automotive and industrial environments.
---
## 3. Common Applications
The CTX100-1-R is primarily used in power management circuits where compact size and low noise are critical:
1. **DC-DC Converters:** Used as an energy storage element in buck, boost, or buck-boost regulators.
2. **Input/Output Filters:** Filtering high-frequency noise in switching power supplies.
3. **Telecom Equipment:** Providing stable power to sensitive communication boards.
4. **Computer Peripherals:** Voltage regulation for CPUs and memory modules on motherboards.
---
## 4. Comparison with Alternatives
If the CTX100-1-R does not fit your specific power envelope, the series offers variations:
* **CTX100-2-R:** Larger size with higher current handling capabilities.
* **CTX100-1P-R:** "PLUS" version with higher power density and lower DCR for the same footprint.
- ⤷
What are the specific soldering profile requirements for the CTX100-1-R?
- ⤷ How does the 'Isat' rating affect the choice of this inductor in a buck converter?
- ⤷ What are the physical dimensions of the Size 1 Octa-Pac footprint?