AI

### Overview of CTX15-2A-R
The **CTX15-2A-R** is a high-performance **Dual Inductor** (specifically a surface-mount toroidal inductor) manufactured by **Eaton (formerly Coiltronics)**. It belongs to the OCTA-PAC® series, designed for power conversion applications where space and efficiency are critical.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance (Parallel)** | 14.8 µH |
| **Inductance (Series)** | 59.3 µH |
| **Current Rating (Parallel)** | 2.5 Amps |
| **Current Rating (Series)** | 1.25 Amps |
| **DC Resistance (DCR)** | 0.0485 Ω (per winding) |
| **Package Type** | Surface Mount (SMD) |
| **Core Material** | Powdered Iron (Toroidal) |
| **Operating Temperature** | -40°C to +125°C |
---
### Key Electronic Features
#### 1. Dual Winding Configuration
The device contains two separate windings on a single core. This allows the component to be used in two different wiring modes:
* **Series Mode:** Higher inductance, lower current.
* **Parallel Mode:** Lower inductance, higher current.
* **Transformer Mode:** Can act as a 1:1 ratio transformer or a coupled inductor.
#### 2. Toroidal Core Design
The use of a toroidal (donut-shaped) core ensures:
* **Low EMI:** The magnetic field is contained within the core, reducing interference with nearby components.
* **High Efficiency:** Lower core losses compared to traditional E-core designs.
#### 3. Material Composition
It utilizes a powdered iron core, which offers excellent saturation characteristics, meaning the inductance remains relatively stable even as the current increases toward the peak limit.
---
### Common Applications
The CTX15-2A-R is typically found in the following electronic circuits:
1. **DC-DC Converters:** Specifically in Buck, Boost, and SEPIC topologies.
2. **Input/Output Filtering:** Used to smooth out ripple current in power supplies.
3. **Common Mode Chokes:** Because of the dual windings, it can be used to suppress high-frequency noise in signal lines.
4. **Voltage Isolation:** Used as a 1:1 transformer for basic circuit isolation.
---
### Pin Configuration
The device usually features a 4-pin surface mount footprint. To change between Series and Parallel modes, the PCB traces must be designed as follows:
* **Parallel:** Pins 1 & 2 tied together, Pins 3 & 4 tied together.
* **Series:** Pin 2 connected to Pin 3 (Input at Pin 1, Output at Pin 4).
- ⤷
What are the specific advantages of using a SEPIC topology with the CTX15-2A-R?
- ⤷ How does the saturation current (Isat) of this inductor compare to ferrite core alternatives?
- ⤷ Can you provide a PCB layout recommendation for minimizing EMI with this component?