AI

The **CTX150-5-52LP-R** is a high-performance power inductor, part of the Octa-Pac® PLUS series manufactured by **Eaton (formerly Coiltronics)**. It is specifically designed as a dual-winding toroidal inductor, which allows it to be used as a standard inductor, a coupled inductor, or a 1:1 transformer.
### 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance (Parallel)** | 150 µH ±20% |
| **Current Rating (Isat)** | ~1.69 Amperes |
| **DC Resistance (DCR)** | ~0.187 Ohms (Parallel) |
| **Core Material** | Powder Iron (Material -52) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Package / Case** | Octa-Pac® Size 5 |
---
### 2. Key Features and Construction
* **Dual Winding Design:** It consists of two identical windings. Depending on how the pins are connected on the PCB, the user can achieve different inductance and current values.
* **Toroidal Geometry:** The doughnut-shaped core helps contain the magnetic flux, resulting in lower **Electromagnetic Interference (EMI)** compared to traditional bobbin inductors.
* **Iron Powder Core (-52):** The "52" in the part number refers to the core material. This material is optimized for high-frequency power conversion, offering high saturation flux density and low core losses at frequencies up to 500 kHz.
* **Low Profile (LP):** The "LP" designation indicates a low-profile height, making it suitable for compact electronics like laptops or handheld devices.
---
### 3. Common Applications
Due to its versatile dual-winding nature, the CTX150-5-52LP-R is typically used in:
1. **SEPIC Converters:** Used as a coupled inductor to maintain energy transfer between input and output.
2. **DC-DC Converters:** Acts as a filter inductor in Buck or Boost topologies.
3. **Common Mode Chokes:** Used to filter out noise in power lines.
4. **Isolation Transformers:** Provides 1:1 voltage transformation for signal or low-power isolation.
---
### 4. Terminal Connection Guide
| Configuration | Connection Method | Resulting Properties |
| :--- | :--- | :--- |
| **Series** | Connect Pin 2 to Pin 3 | Higher Inductance, Lower Current |
| **Parallel** | Connect 1 to 4, and 2 to 3 | Lower Inductance, Higher Current |
- ⤷
How do I calculate the saturation current if I connect the windings in series?
- ⤷ What are the specific EMI advantages of using a toroidal core like the Octa-Pac?
- ⤷ Can this inductor be used in automotive applications requiring AEC-Q200 qualification?