CTX2-1A-R
AI

## CTX2-1A-R Electronic Component Overview
The **CTX2-1A-R** is a high-performance, surface-mount (SMT) power inductor/transformer manufactured by **Eaton (formerly Coiltronics)**. It belongs to the **OCTA-PAC®** series, known for its versatility and dual-winding construction.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of the CTX2-1A-R:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance (Parallel)** | 2.11 µH |
| **Inductance (Series)** | 8.44 µH |
| **Full Load Current (Irms)** | 6.40 Amps |
| **Peak Current (Isat)** | 9.00 Amps |
| **DCR (Direct Current Resistance)** | 0.0135 $\Omega$ (Parallel) / 0.054 $\Omega$ (Series) |
| **Package / Case** | OCTA-PAC® Size 1 |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Functional Design: Dual Winding
The CTX2-1A-R features **two identical windings**. This allows the component to be used in three distinct configurations depending on how it is soldered to the PCB:
1. **Parallel Connection:** Connects the two windings side-by-side. This results in the lowest resistance and highest current capacity but lower inductance.
2. **Series Connection:** Connects the windings in a row. This quadruples the inductance (compared to parallel) but increases resistance.
3. **1:1 Transformer:** The windings remain isolated, allowing the part to act as a transformer for isolation or voltage coupling.
---
### 3. Common Applications
Due to its high power density and flexible configuration, it is widely used in:
* **DC-DC Converters:** Buck, Boost, and SEPIC topologies.
* **Power Supplies:** Used as an output filter inductor or a coupled inductor.
* **Energy Storage:** High-frequency applications where low core loss is required.
* **Isolation:** Used in circuits requiring a 1:1 isolation ratio.
---
### 4. Part Number Breakdown
* **CTX:** Series prefix (OCTA-PAC).
* **2:** Size/Frame dimension.
* **1A:** Inductance code/Revision.
* **-R:** RoHS compliant (Lead-free).
---
- ⤷
What is the difference between the OCTA-PAC and OCTA-PAC PLUS series?
- ⤷ How do I calculate the ripple current for the CTX2-1A-R in a Buck converter?
- ⤷ Can the CTX2-1A-R be used for PoE (Power over Ethernet) applications?