CTX20-2-52-R
AI

The **CTX20-2-52-R** is a specific surface-mount toroidal inductor manufactured by **Eaton (formerly Coiltronics)**. It belongs to the **OCTA-PAC®** series, which is known for its versatility in power applications.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of the CTX20-2-52-R:
| Property | Value / Description |
| :--- | :--- |
| **Inductance (L)** | 20 $\mu$H (nominal) |
| **Current Rating ($I_{rms}$)** | ~2.54 Amps |
| **DCR (Direct Current Resistance)** | ~0.045 $\Omega$ (Max) |
| **Core Material** | Powdered Iron (Material -52) |
| **Mounting Type** | Surface Mount (SMD) |
| **Configuration** | Dual Winding (Two identical coils) |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
## 2. Key Features and Construction
### Dual Winding Versatility
The most distinct feature of the CTX20 series is that it contains **two separate windings** on a single core. This allows the component to be used in three different ways:
1. **Series Connection:** Increases the total inductance.
2. **Parallel Connection:** Increases the current-carrying capacity while decreasing resistance.
3. **1:1 Transformer:** Can be used as a flyback transformer or for isolation.
### Material -52 Core
The "-52" in the part number refers to the specific magnetic core material.
* **Material -52** is a blue/green iron powder core.
* It offers **lower core losses** at high frequencies compared to older materials (like -26).
* It is ideal for power conversion applications operating up to 500kHz.
---
## 3. Typical Applications
The CTX20-2-52-R is commonly found in the following electronic circuits:
* **DC-DC Converters:** Used as a buck, boost, or forward converter inductor.
* **Switch Mode Power Supplies (SMPS):** Energy storage and filtering.
* **Noise Filtering:** Acting as a Common Mode Choke or Differential Mode Inductor.
* **Battery Powered Systems:** Where high efficiency and small footprint are required.
---
## 4. Pinout Logic
Since it has dual windings, there are typically 4 pins:
* **Pins 1 & 4:** First winding (Start/Finish).
* **Pins 2 & 3:** Second winding (Start/Finish).
```text
Winding A: Pin 1 (Dot) ---- Pin 4
Winding B: Pin 2 (Dot) ---- Pin 3
```
- ⤷
How do I calculate the total inductance when connecting the windings in series?
- ⤷ What is the peak saturation current (Isat) for this specific model?
- ⤷ Are there alternative core materials available in the OCTA-PAC series for higher frequencies?