CTX20-3A-R
AI

The **CTX20-3A-R** is a high-performance, surface-mount power inductor from the **OCTA-PAC® PLUS** series, manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). These components are unique because they feature **dual windings**, allowing them to be configured in multiple ways for DC-DC converters and filtering applications.
---
### 1. Key Technical Specifications
The performance of the CTX20-3A-R depends on whether the two internal windings are connected in series or in parallel.
| Characteristic | Parallel Connection | Series Connection |
| :--- | :--- | :--- |
| **Inductance ($L$)** | 20.2 $\mu$H | 80.8 $\mu$H |
| **Rated Current ($I_{rms}$)** | 2.51 A | 1.25 A |
| **Peak Current ($I_{sat}$)** | 3.52 A | 1.76 A |
| **DCR (DC Resistance)** | 0.057 $\Omega$ | 0.228 $\Omega$ |
### 2. Physical and Material Properties
* **Core Material:** Powered Iron (optimized for high-frequency power applications).
* **Package Type:** Surface Mount (SMT).
* **Dimensions:** Approximately 11.4mm x 11.4mm x 6.0mm.
* **Operating Temperature:** -40°C to +125°C.
* **RoHS Compliant:** Yes (indicated by the "-R" suffix).
---
### 3. Functional Applications
Because of the dual-winding design, the CTX20-3A-R is highly versatile:
1. **Inductor Mode:** Used for ripple filtering in power supplies.
2. **1:1 Transformer Mode:** Can be used for isolation or in SEPIC (Single-Ended Primary-Inductor Converter) topologies.
3. **Common Mode Choke:** Used to suppress electromagnetic interference (EMI) on power lines.
4. **Voltage Step-up/Step-down:** The windings can be wired to act as a basic autotransformer.
---
### 4. Part Number Breakdown
* **CTX:** Series designation (Coiltronics).
* **20:** Base inductance value code.
* **3A:** Size/Power rating code (Size 3, "A" refers to the high-power PLUS version).
* **R:** RoHS compliant.
---
- ⤷
What is the difference between the OCTA-PAC and OCTA-PAC PLUS series?
- ⤷ How do I wire the pins for a series vs parallel configuration?
- ⤷ What are the typical switching frequency limits for this inductor?