CTX200-2A-R
AI

## Overview of CTX200-2A-R
The **CTX200-2A-R** is a high-performance, surface-mount power inductor belonging to the **OCTA-PAC® PLUS** series, manufactured by **Eaton (formerly Cooper Bussmann)**. These components are unique because they feature **dual windings**, allowing them to be configured in multiple ways for different power circuit requirements.
---
### Technical Specifications
The following table outlines the primary electrical and physical characteristics of the CTX200-2A-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance (Parallel)** | 196.3 µH |
| **Inductance (Series)** | 785.2 µH |
| **Current Rating (Parallel)** | 0.90 Amps |
| **Current Rating (Series)** | 0.45 Amps |
| **DC Resistance (DCR) Max** | 0.826 Ohms (Parallel) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Core Material** | Iron Powder |
---
### Key Electronic Features
#### 1. Dual Winding Versatility
The most significant feature of this part is its **two identical windings**. By changing the PCB layout connections, the device can function as:
* **Inductor:** Connected in series or parallel to tune inductance and current capacity.
* **1:1 Transformer:** Used for isolation or voltage transformation.
* **Common Mode Choke:** Used for filtering electromagnetic interference (EMI).
#### 2. Material and Shielding
* **Core:** Uses a high-frequency iron powder core which provides low core losses.
* **Shielding:** The "OCTA-PAC" design provides a semi-shielded structure, reducing EMI compared to open-core inductors while maintaining a compact footprint.
#### 3. Ruggedness
The "2A" in the part number signifies a specific size/power rating within the series, and the "-R" suffix indicates that the part is **RoHS compliant** (lead-free).
---
### Common Applications
Due to its flexibility and power density, the CTX200-2A-R is typically found in:
1. **DC-DC Converters:** Specifically Buck, Boost, and SEPIC topologies.
2. **Input/Output Filtering:** Used as a ripple filter for power supplies.
3. **Isolation:** Providing low-power signal or bias voltage isolation.
4. **Energy Storage:** Acts as the primary magnetic storage element in switching regulators.
---
### Winding Configuration Diagram
To change the performance, the leads are connected as follows:
```text
Parallel Connection: Series Connection:
(Pins 1-4 & 2-3 tied) (Pin 2 connected to 3)
1 +-----+ 2 1 +-----+ 2
| | | |
| | | |
4 +-----+ 3 4 +-----+ 3
```
---
- ⤷
What is the difference between the OCTA-PAC and OCTA-PAC PLUS series?
- ⤷ How do I calculate the saturation current for this inductor in series vs parallel?
- ⤷ Are there specific PCB layout recommendations for heat dissipation for this component?