CTX300-1-R
AI

The **CTX300-1-R** is a specific electronic component, typically identified as a **High-Current Power Inductor** manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the CTX series, designed for high-density power applications.
---
## 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of the CTX300-1-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 30.0 µH (Microhenries) |
| **Tolerance** | ±20% |
| **Current Rating (rms)** | ~1.6 A to 2.1 A (varies by thermal rise) |
| **DC Resistance (DCR)** | ~0.095 to 0.125 Ω (Max) |
| **Mounting Type** | Surface Mount (SMD) |
| **Package / Case** | Custom Toroidal / Shielded |
| **Operating Temperature** | -40°C to +125°C |
---
## 2. Key Electronic Components & Features
### A. Core Material
The device uses a **powdered iron or ferrite toroidal core**.
* **Toroidal Design:** The circular shape ensures that the magnetic flux is contained within the core, significantly reducing Electromagnetic Interference (EMI) which can affect nearby sensitive circuits.
### B. Winding Structure
* **Copper Wire:** High-grade insulated copper wire is wound around the core. The "1-R" suffix often indicates a specific winding configuration or RoHS compliance.
* **Termination:** The ends of the wire are soldered to a lead frame or directly to pads for surface mounting on a PCB.
### C. Shielding
* Because it is a high-current inductor, the physical housing provides **magnetic shielding**. This prevents the inductor from "talking" to other components through magnetic fields, which is critical in compact DC-DC converters.
---
## 3. Applications
The CTX300-1-R is commonly found in the following electronic circuits:
1. **DC-DC Converters:** Acts as an energy storage element in Buck, Boost, or Sepic converters.
2. **Input/Output Filters:** Used to smooth out ripples in power supplies to provide clean DC voltage.
3. **Industrial Controls:** Integrated into PLCs and sensors where robust power handling is required.
4. **Telecommunications:** Used in base stations and networking hardware due to its high efficiency and low EMI profile.
---
## 4. Typical Footprint (SMD)
Below is a conceptual representation of how the component is laid out on a board:
```text
[ TOP VIEW ]
_____________________
| |
| ( EATON ) | <-- Branding
| CTX300-1-R | <-- Part Number
| [CORE] |
|_____________________|
|__| |__| <-- Solder Pads
```
---
- ⤷
What is the saturation current (Isat) for this specific inductor?
- ⤷ Can this part be substituted with a 33uH inductor in most circuits?
- ⤷ How does the 'R' suffix impact its environmental compliance?