CTX5-3A-R
AI

## Technical Overview of CTX5-3A-R
The **CTX5-3A-R** is a high-performance **Octa-Path toroidal inductor/transformer** manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It is part of the **OCTA-PAC® PLUS** series, designed for high power density and versatility in power conversion circuits.
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Manufacturer** | Eaton (Coiltronics) |
| **Inductance (Typical)** | 4.95 µH |
| **Current Rating (RMS)** | 2.58 Amperes |
| **DCR (DC Resistance)** | 0.0382 Ohms (Max) |
| **Mounting Type** | Surface Mount (SMD) |
| **Core Material** | Powder Iron (High Saturation) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Features and Construction
* **Toroidal Design:** The use of a toroidal (ring-shaped) core helps contain the magnetic flux within the core, significantly reducing **Electromagnetic Interference (EMI)** compared to traditional E-core inductors.
* **Dual Winding Versatility:** The CTX5-3A-R features two separate windings. This allows it to be configured in several ways:
* **Series Connection:** To increase total inductance.
* **Parallel Connection:** To increase current handling capability.
* **1:1 Transformer:** To provide isolation or create SEPIC/Flyback topologies.
* **Ruggedized Packaging:** The "R" suffix indicates it is RoHS compliant. The part is encased in a durable, heat-resistant header that ensures stable SMT placement.
---
### 3. Common Applications
The CTX5-3A-R is specifically engineered for high-frequency DC-DC power conversion.
1. **Buck/Boost Converters:** Used for energy storage and filtering in voltage regulators.
2. **SEPIC Converters:** Ideal for applications where the input voltage can be higher or lower than the output voltage.
3. **DC-DC Isolation:** Can be used as a 1:1 transformer for signal or power isolation.
4. **Noise Filtering:** Acts as a common-mode choke when wired appropriately to suppress line noise.
---
### 4. Configuration Diagram (Conceptual)
```text
Winding 1: Pins 1 --- (Core) --- 2
Winding 2: Pins 4 --- (Core) --- 3
Parallel (High Current): Connect 1-4 and 2-3
Series (High Inductance): Connect 2-4; Input at 1, Output at 3
```
- ⤷
How do I calculate the total inductance when wiring the CTX5-3A-R in series?
- ⤷ What are the specific advantages of the OCTA-PAC PLUS series over the standard OCTA-PAC?
- ⤷ Can this component be used in automotive power supplies?