CTX68-1-R
AI

The **CTX68-1-R** is a high-performance, surface-mount (SMT) dual-winding inductor (or transformer) manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**. It is part of the **OCTA-PAC** series, known for its versatility in power conversion circuits.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of the CTX68-1-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance (Parallel)** | 67.52 µH |
| **Inductance (Series)** | 270.08 µH |
| **Current Rating (Parallel)** | 1.15 A |
| **DC Resistance (DCR) Max** | 0.231 Ω (Parallel) |
| **Configuration** | Dual Winding (1:1 Ratio) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | SMT (Surface Mount) |
---
### 2. Functional Characteristics
The "Dual Winding" nature of this component allows it to function in several different modes depending on how the pins are connected on the PCB:
* **1:1 Transformer:** Used for isolation or voltage transformation.
* **Coupled Inductor:** Used in SEPIC or Zeta converters to reduce ripple and improve efficiency.
* **Series Inductor:** Pins connected in series to achieve higher inductance (approx. 270 µH).
* **Parallel Inductor:** Pins connected in parallel to handle higher current (approx. 1.15 A).
* **Common Mode Choke:** Used for EMI filtering to suppress noise on power lines.
---
### 3. Physical Construction
* **Core Material:** Powered Iron or Ferrite (depending on the specific sub-series), designed for high-frequency power applications.
* **Shielding:** It is typically unshielded, which provides high saturation current but requires careful placement to avoid EMI interference with sensitive nearby components.
* **Footprint:** The OCTA-PAC size 1 footprint is standardized, making it easy to find second-source alternatives if needed.
---
### 4. Common Applications
The CTX68-1-R is most frequently found in:
1. **DC-DC Converters:** Buck, Boost, and SEPIC topologies.
2. **Power Supplies:** Switching regulators for industrial and telecommunications equipment.
3. **Filtering:** Input/Output filters for smoothing current or blocking high-frequency noise.
4. **Signal Isolation:** Basic isolation between two circuit stages.
---
- ⤷
What is the difference between connecting the CTX68-1-R in series versus parallel?
- ⤷ Can you provide a wiring diagram for using this as a SEPIC inductor?
- ⤷ What are the recommended PCB footprints for the OCTA-PAC size 1?