CTX8-3A-R
AI

## Overview of CTX8-3A-R
The **CTX8-3A-R** is a high-performance, surface-mount (SMD) common-mode choke / power inductor manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**. It belongs to the **OCTA-PAC® PLUS** series, which is known for its versatility and ruggedness in power conversion applications.
---
### Technical Specifications
The following table outlines the primary electrical and physical characteristics of the CTX8-3A-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance (L)** | 8.3 µH (Typical) |
| **Current Rating (Irms)** | 3.5 Amperes |
| **DCR (Direct Current Resistance)** | 0.0243 Ohms (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Core Material** | Powdered Iron (High Saturation) |
| **Number of Windings** | 2 (Dual Winding) |
---
### Key Features
1. **Dual Winding Design**: The device contains two separate windings that can be connected in series or parallel. This allows it to function as an inductor, a common-mode choke, or a 1:1 transformer.
2. **High Saturation**: Utilizing a powdered iron core, it handles high peak currents without complete magnetic saturation, making it stable under heavy loads.
3. **Shielded Construction**: The design minimizes Electromagnetic Interference (EMI), which is critical for dense PCB layouts.
4. **Robust Packaging**: The "R" suffix indicates that the part is **RoHS compliant** and features lead-free terminations suitable for high-temperature reflow soldering.
---
### Common Applications
The CTX8-3A-R is commonly integrated into the following circuits:
* **DC-DC Converters**: Used in buck, boost, and forward converters as the main energy storage element.
* **Switch Mode Power Supplies (SMPS)**: Acts as an output filter inductor to smooth voltage ripples.
* **Common-Mode Chokes**: Used to suppress high-frequency noise in signal and power lines.
* **Isolation**: Used as a 1:1 transformer for basic power isolation in low-voltage circuits.
---
### Connection Configurations
Because it has two windings, the behavior changes based on how you wire the pins:
* **Series Connection**: Doubles the inductance but keeps the current rating the same as a single winding.
* **Parallel Connection**: Keeps the inductance the same as a single winding but doubles the current-carrying capacity.
- ⤷What is the difference between the OCTA-PAC and OCTA-PAC PLUS series?
- ⤷ How do I calculate the total inductance when connecting the CTX8-3A-R windings in series?
- ⤷ Are there equivalent alternatives for this part from other manufacturers like Bourns or Wurth?