CVR1-3A-R/CE
AI

The **CVR1-3A-R/CE** is a specific type of electronic component known as a **Trimmer Potentiometer** (or Variable Resistor). It is primarily used for fine-tuning circuits during manufacturing or calibration.
---
## 1. Component Identification
This part belongs to a class of surface-mount devices (SMD) designed for space-constrained PCB applications.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Chip Trimmer Potentiometer |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Adjustment Slot** | Cross-shaped (Phillips) for automated adjustment |
| **Terminal Finish** | Lead-free (RoHS Compliant) |
| **Resistance Range** | Typically available from 100Ω to 1MΩ |
---
## 2. Technical Characteristics
Understanding the "3A" and "R/CE" suffixes is crucial for matching the part to its datasheet:
### Physical Structure
* **Open Frame Design:** Unlike sealed potentiometers, this is an "open" type, meaning the internal resistive element is visible. This makes it cost-effective but sensitive to dust and moisture.
* **Size:** Generally follows a standard footprint (often 3mm x 3mm), allowing for high-density board placement.
### Electrical Performance
* **Tolerance:** Usually ±25%.
* **Power Rating:** Low power, typically around 0.1W at 70°C.
* **Rotation Angle:** Mechanical rotation is usually around 240° to 270°.
---
## 3. Part Number Breakdown (Typical for CVR series)
While nomenclature varies slightly by manufacturer (like Kyocera or Hokuriku), it generally follows this logic:
1. **CVR:** Chip Variable Resistor.
2. **1:** Size code (indicates specific dimensions).
3. **3A:** Refers to the style of the adjustment head and terminal layout.
4. **R:** Tape and Reel packaging.
5. **CE:** Standard series identifier for specific electrical/environmental tolerances.
---
## 4. Common Applications
Since these parts are designed for infrequent adjustments, they are found in:
* **LCD Contrast Control:** Adjusting the clarity of small screens.
* **Sensor Calibration:** Zeroing out a sensor signal.
* **Audio Equipment:** Setting gain levels or volume limits within a circuit.
* **Power Supplies:** Fine-tuning output voltage levels.
- ⤷
What are the exact physical dimensions of the CVR1-3A-R/CE?
- ⤷ Is this component compatible with reflow soldering processes?
- ⤷ What is the standard resistance value for this specific part number?