Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CVR1-6C-R

  • AI
    ### Overview of the CVR1-6C-R The **CVR1-6C-R** is an electronic component typically classified as a **Variable Resistor** (specifically a **Trimmer Potentiometer**). It belongs to the carbon film trimmer family, designed for infrequent adjustments on a circuit board to "tune" the device’s performance. --- ### Technical Specifications The following table outlines the standard electrical and mechanical characteristics associated with the CVR1-6C-R series: | Feature | Specification | | :--- | :--- | | **Type** | Carbon Film Trimmer Potentiometer | | **Resistance Range** | 100Ω to 1MΩ (varies by specific model) | | **Power Rating** | 0.1W at 50°C | | **Max Operating Voltage** | 50V DC | | **Rotational Angle** | 200° ± 20° | | **Mounting Type** | Through-hole (Radial) | | **Size** | 6mm Diameter | --- ### Key Electronic Parts and Construction 1. **Resistive Element:** Uses a **Carbon Film** deposited on a substrate. This film provides the resistance value. 2. **Wiper (Contact):** A metal arm that moves across the resistive track when the center screw/knob is turned, changing the resistance between the center pin and the outer pins. 3. **Terminals:** Usually features three pins (Input, Output/Wiper, and Ground). In the "6C" configuration, these are often arranged in a triangular or staggered pattern for PCB stability. 4. **Housing:** An open-frame or semi-enclosed plastic/phenolic body that protects the internal tracks while allowing manual adjustment. --- ### Common Applications * **Calibration:** Setting the gain of an operational amplifier. * **Threshold Setting:** Adjusting the trip point of a sensor or comparator circuit. * **LCD Contrast:** Tuning the voltage for display clarity. * **Power Supplies:** Fine-tuning output voltage levels. --- ### Schematic Symbol In electronic diagrams, the CVR1-6C-R is represented as a standard potentiometer symbol: `[ Pin 1 ]----[ Fixed Resistor ]----[ Pin 3 ]` ` ^` ` [ Pin 2 (Wiper) ]`
    ✨ Follow-up Questions
    • ⤷ What is the difference between a carbon film and a cermet trimmer?
    • ⤷ How do I read the resistance code on the top of the CVR1-6C-R?
    • ⤷ Can this component be used for high-frequency RF tuning?