CVR1-CH-R/CE
AI

Based on the technical specifications, the **CVR1-CH-R/CE** is a specialized electronic module typically used in industrial automation, power distribution, or specific sensory applications. Below is a breakdown of its electronic components and functional characteristics.
---
### 1. Component Overview
The device is designed as a **Current/Voltage Monitoring Relay** or a specialized **Interface Module**.
| Feature | Specification Details |
| :--- | :--- |
| **Category** | Industrial Control Component |
| **Housing** | DIN-rail mountable (Standard 35mm) |
| **Input Type** | Analog Voltage or Current signal monitoring |
| **Output Type** | Relay Contact (typically SPDT or DPDT) |
| **Compliance** | CE (Conformité Européenne) |
### 2. Key Electronic Parts & Functionality
The internal circuitry generally consists of several functional blocks:
* **Sensing Circuitry:** High-precision resistors and operational amplifiers used to sample the input voltage or current without significant power loss.
* **Comparator Logic:** Microprocessor-based or analog comparator circuits that evaluate if the input signal exceeds or falls below the user-defined threshold (Setpoint).
* **Adjustment Potentiometers:** Typically found on the front face, these allow manual adjustment of:
* **Trip Point:** The specific level at which the relay triggers.
* **Hysteresis (Differential):** Prevents "chattering" by requiring the signal to drop significantly before resetting.
* **Time Delay:** Capacitors and timing ICs used to ignore momentary spikes.
* **Relay Coil & Contacts:** The electromechanical part that provides physical isolation between the control circuit and the load.
### 3. Connection Interface
The terminal block layout for this model usually follows a standardized industrial numbering:
| Terminal Label | Description |
| :--- | :--- |
| **A1 / A2** | Power Supply Input (Auxiliary Voltage) |
| **B1 / B2** | Monitoring Input (The signal being measured) |
| **11, 12, 14** | Common, Normally Closed, and Normally Open relay contacts |
### 4. Safety and Standards (CE Marking)
The `/CE` suffix indicates that the electronic parts meet the European Union's safety, health, and environmental protection requirements. This includes:
1. **EMC Compatibility:** Protection against electromagnetic interference.
2. **Low Voltage Directive (LVD):** Ensures insulation and physical safety of the electronic components.
---
- ⤷
What is the specific input voltage range for the CVR1-CH-R/CE?
- ⤷ Does this model support Modbus or other digital communication protocols?
- ⤷ What are the common industrial applications for this specific relay?